Electronic Components Datasheet Search
  English  ▼

X  

LT3798 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3798
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3798 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3798 Datasheet HTML 9Page - Analog Devices LT3798 Datasheet HTML 10Page - Analog Devices LT3798 Datasheet HTML 11Page - Analog Devices LT3798 Datasheet HTML 12Page - Analog Devices LT3798 Datasheet HTML 13Page - Analog Devices LT3798 Datasheet HTML 14Page - Analog Devices LT3798 Datasheet HTML 15Page - Analog Devices LT3798 Datasheet HTML 16Page - Analog Devices LT3798 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
LT3752/LT3752-1
13
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Required RIVSEC vs Switching
Frequency (for DVSEC × 100 = 72.5%,
UVLO_VSEC = 1.25V)
OUT Pin Rise/Fall Times
vs OUT Pin Load Capacitance
OUT Maximum Duty Cycle Clamp
(DVSEC) vs UVLO_VSEC
SWITCHING FREQUENCY (kHz)
100
160
140
80
60
40
20
120
100
0
250
450
400
3752 G34
500
200
150
300 350
OUT PIN LOAD CAPACITANCE (nF)
0
60
50
30
20
10
40
0
3
8
9
7
3752 G35
10
2
1
4
6
5
INTVCC = 12V
(OVERDRIVEN FROM
HOUSEKEEPING SUPPLY)
UVLO_VSEC (V)
0
80
70
40
30
20
10
60
50
0
3.75
8.75
7.5
3752 G33
10
2.5
1.25
5
6.25
VIN = 12V
RT = 24.9k (300kHz)
RIVSEC = 51.1k
PIN FUNCTIONS
HFB (Pin 1): Housekeeping Supply Error Amplifier
Inverting Input.
HCOMP (Pin 2): Housekeeping Supply Error Amplifier
Output and Compensation Pin.
RT (Pin 3): A resistor to ground programs switching
frequency.
FB (Pin 4): Error Amplifier Inverting Input.
COMP (Pin 5): Error Amplifier Output. Allows various
compensation networks for nonisolated applications.
SYNC(Pin6):Allowssynchronizationofinternaloscillator
to an external clock. fSYNC equal to fOSC allowed.
SS1 (Pin 7): Capacitor controls soft-start/stop of switch-
ing frequency and volt-second clamp. During soft-stop it
also controls the COMP pin.
IVSEC (Pin 8): Resistor Programs OUT Pin Maximum
Duty Cycle Clamp (DVSEC). This clamp moves inversely
proportional to system input voltage to provide a volt-
second clamp.
UVLO_VSEC (Pin 9): A resistor divider from system in-
put allows switch maximum duty cycle to vary inversely
proportional with system input. This volt-second clamp
prevents transformer saturation for duty cycles above
50%.Resistordividerratioprogramsundervoltagelockout
(UVLO) threshold. A 5µA pin current hysteresis allows
programmingofUVLOhysteresis.Pinbelow0.4Vreduces
VIN currents to microamps.
OVLO (Pin 10): A resistor divider from system input
programs overvoltage lockout (OVLO) threshold. Fixed
hysteresis included.
TAO (Pin 11): A resistor programs nonoverlap timing
between AOUT rise and OUT rise control signals.
TAS(Pin12):ResistorsatTAOandTASdefinedelaybetween
SOUT fall and OUT rise (= tAO – tAS).
TOS (Pin 13): Resistor programs delay between OUT fall
and SOUT rise.
TBLNK (Pin 14): Resistor programs extended blanking of
ISENSEP and OC signals during MOSFET turn-on.
NC (Pins 15, 16, 37): No Connect Pins. These pins are not
connected inside the IC. These pins should be left open.
SS2 (Pin 17): Capacitor controls soft-start of COMP pin.
Alternatively can connect to OPTO to communicate start of
switching to secondary side. If unused, leave the pin open.
GND(Pin18):AnalogSignalGround.Electricalconnection
exists inside the IC to the exposed pad (Pin 39).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com