Electronic Components Datasheet Search
  English  ▼

X  

LT3476 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3476
Description  40VIN, 75VOUT LED Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3476 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3476 Datasheet HTML 9Page - Analog Devices LT3476 Datasheet HTML 10Page - Analog Devices LT3476 Datasheet HTML 11Page - Analog Devices LT3476 Datasheet HTML 12Page - Analog Devices LT3476 Datasheet HTML 13Page - Analog Devices LT3476 Datasheet HTML 14Page - Analog Devices LT3476 Datasheet HTML 15Page - Analog Devices LT3476 Datasheet HTML 16Page - Analog Devices LT3476 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3755/LT3755-1/LT3755-2
13
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
INTVCC Regulator Bypassing and Operation
The INTVCC pin requires a capacitor for stable operation
and to store the charge for the large GATE switching cur-
rents. Choose a 10V rated low ESR, X7R or X5R ceramic
capacitor for best performance. A 4.7µF capacitor will be
adequate for many applications. Place the capacitor close
to the IC to minimize the trace length to the INTVCC pin
and also to the IC ground.
An internal current limit on the INTVCC output protects
the LT3755 from excessive on-chip power dissipation.
The minimum value of this current should be considered
when choosing the switching NMOS and the operating
frequency.
IINTVCC can be calculated from the following equation:
IINTVCC = QG • fOSC
Careful choice of a lower QG FET will allow higher switch-
ing frequencies, leading to smaller magnetics. The INTVCC
pin has its own undervoltage disable (UVLO) set to 4.1V
(typical) to protect the external FETs from excessive power
dissipation caused by not being fully enhanced. If the
INTVCC pin drops below the UVLO threshold, the GATE
and PWMOUT pins will be forced to 0V and the soft-start
pin will be reset.
If the input voltage, VIN, will not exceed 8V, then the IN-
TVCC pin could be connected to the input supply. Be aware
that a small current (less than 12μA) will load the INTVCC
in shutdown. This action allows the LT3755 to operate
from VIN as low as 4.5V. If VIN is normally above, but
occasionally drops below the INTVCC regulation voltage,
then the minimum operating VIN will be close to 6V. This
value is determined by the dropout voltage of the linear
regulator and the INTVCC undervoltage lockout threshold
mentioned above.
Programming the Turn-On and Turn-Off Thresholds
with the SHDN/UVLO Pin
ThefallingUVLOvaluecanbeaccuratelysetbytheresistor
divider. A small 2.1µA pull-down current is active when
SHDN/UVLO is below the threshold. The purpose of this
currentistoallowtheusertoprogramtherisinghysteresis.
SHDN/UVLO
LT3755
VIN
R2
37551 F01
R1
Figure 1. Resistor Connection to Set
VIN Undervoltage Shutdown Threshold
The following equations should be used to determine the
values of the resistors:
VIN,FALLING = 1.22 •
R1+ R2
R2
V
IN,RISING = 2.1µA • R1 + VIN,FALLING
LED Current Programming
The LED current is programmed by placing an appropriate
value current sense resistor, RLED, in series with the LED
string. The voltage drop across RLED is (Kelvin) sensed
by the ISP and ISN pins. Typically, sensing of the current
should be done at the top of the LED string. If this option
is not available, then the current may be sensed at the
bottom of the string, but take caution that the minimum
ISN value does not fall below 3V, which is the lower limit of
the LED current regulation function. The CTRL pin should
be tied to a voltage higher than 1.2V to get the full-scale
100mV (typical) threshold across the sense resistor. The
CTRL pin can also be used to dim the LED current to zero,
although relative accuracy decreases with the decreasing
voltage sense threshold. When the CTRL pin voltage is
less than 1V, the LED current is:
ILED =
VCTRL − 100mV
RLED • 10
WhentheCTRLpinvoltageisbetween1Vand1.2VtheLED
current varies with CTRL, but departs from the equation
abovebyanincreasingamountasCTRLvoltageincreases.
Ultimately, above CTRL = 1.2V the LED current no longer
varies with CTRL. At CTRL = 1.1V, the actual value of ILED
is ~98% of the equation’s estimate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com