Electronic Components Datasheet Search
  English  ▼

X  

LT3511 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3511
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3511 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3511 Datasheet HTML 13Page - Analog Devices LT3511 Datasheet HTML 14Page - Analog Devices LT3511 Datasheet HTML 15Page - Analog Devices LT3511 Datasheet HTML 16Page - Analog Devices LT3511 Datasheet HTML 17Page - Analog Devices LT3511 Datasheet HTML 18Page - Analog Devices LT3511 Datasheet HTML 19Page - Analog Devices LT3511 Datasheet HTML 20Page - Analog Devices LT3511 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT8300
17
Rev. A
For more information www.analog.com
Step 4: Choose the Output Capacitor.
The output capacitor should be chosen to minimize the
output voltage ripple while considering the increase in size
and cost of a larger capacitor. Use the equation below to
calculate the output capacitance:
COUT =
LPRI •ISW
2
2 • VOUT • ΔVOUT
Example:
Design for output voltage ripple less than 1% of VOUT,
i.e., 120mV.
COUT =
300µH •(0.21A)2
2 • 12V • 0.12V
= 4.6µF
Remember ceramic capacitors lose capacitance with
applied voltage. The capacitance can drop to 40% of
quoted capacitance at the maximum voltage rating. So a
10uF, 16V rating ceramic capacitor is chosen.
Step 5: Design Snubber Circuit.
The snubber circuit protects the power switch from leak-
age inductance voltage spike. A DZ snubber is recom-
mended for this application because of lower leakage
inductance and larger voltage margin. The Zener and the
diode need to be selected.
The maximum Zener breakdown voltage is set according
to the maximum VIN:
VZENER(MAX) ≤ 150V – VIN(MAX)
Example:
VZENER(MAX) ≤ 150V – 72V = 78V
APPLICATIONS INFORMATION
A 68V Zener with a maximum of 72V will provide optimal
protection and minimize power loss. So a 68V, 0.5W Zener
from On Semiconductor (MMSZ5266BT1G) is chosen.
Choose a diode that is fast and has sufficient reverse volt-
age breakdown:
VREVERSE > VSW(MAX)
VSW(MAX) = VIN(MAX) + VZENER(MAX)
Example:
VREVERSE > 144V
A 150V, 0.6A diode from Diodes Inc. (BAV20W) is chosen.
Step 6: Select the RFB Resistor.
Use the following equation to calculate the starting value
for RFB:
RFB =
NPS •(VOUT + VF)
100µA
Example:
RFB =
2 •(12V + 0.3V)
100µA
= 246k
Depending on the tolerance of standard resistor values,
the precise resistor value may not exist. For 1% standard
values, a 243k resistor in series with a 3.01k resistor
should be close enough. As discussed in the Application
Information section, the final RFB value should be adjusted
on the measured output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com