Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3574
Description  100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3574 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3574 Datasheet HTML 12Page - Analog Devices LT3574 Datasheet HTML 13Page - Analog Devices LT3574 Datasheet HTML 14Page - Analog Devices LT3574 Datasheet HTML 15Page - Analog Devices LT3574 Datasheet HTML 16Page - Analog Devices LT3574 Datasheet HTML 17Page - Analog Devices LT3574 Datasheet HTML 18Page - Analog Devices LT3574 Datasheet HTML 19Page - Analog Devices LT3574 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT8300
16
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Step 2: Determine the Primary Inductance.
Primary inductance for the transformer must be set above
a minimum value to satisfy the minimum switch-off and
switch-on time requirements:
LPRI ≥
tOFF(MIN) •NPS • VOUT + VF
(
)
ISW(MIN)
LPRI ≥
tON(MIN) • VIN(MAX)
ISW(MIN)
tOFF(MIN) = 350ns
tON(MIN) = 160ns
ISW(MIN) = 52mA
Example:
LPRI ≥
350ns • 2 •(12V + 0.3V)
52mA
= 166µH
LPRI ≥
160ns • 72V
52mA
= 222µH
Most transformers specify primary inductance with a tol-
erance of ±20%. With other component tolerance consid-
ered, choose a transformer with its primary inductance
20% to 40% larger than the minimum values calculated
above. LPRI = 300µH is then chosen in this example.
Once the primary inductance has been determined, the
maximum load switching frequency can be calculated as:
fSW =
1
tON + tOFF
=
1
LPRI •ISW
VIN
+
LPRI •ISW
NPS •(VOUT + VF)
ISW =
VOUT •IOUT •2
η • VIN •D
Example:
D =
(12V + 0.3V)• 2
(12V + 0.3V)• 2+ 48V
= 0.34
ISW =
12V • 0.12A • 2
0.85 • 48V • 0.34
= 0.21A
fSW = 260kHz
The transformer also needs to be rated for the correct
saturation current level across line and load conditions. A
saturation current rating larger than 400mA is necessary
to work with the LT8300. The 10396-T022 from Sumida
is chosen as the flyback transformer.
Step 3: Choose the Output Diode.
Two main criteria for choosing the output diode include
forward current rating and reverse voltage rating. The
maximum load requirement is a good first-order guess
as the average current requirement for the output diode.
A conservative metric is the maximum switch current limit
multiplied by the turns ratio,
IDIODE(MAX) = ISW(MAX) • NPS
Example:
IDIODE(MAX) = 0.52A
Next calculate reverse voltage requirement using maxi-
mum VIN:
VREVERSE = VOUT +
VIN(MAX)
NPS
Example:
VREVERSE = 12V +
72V
2
= 48V
The SBR0560S1 (0.5A, 60V diode) from Diodes Inc.
is chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com