Electronic Components Datasheet Search
  English  ▼

X  

LT8302 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8302
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8302 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8302 Datasheet HTML 9Page - Analog Devices LT8302 Datasheet HTML 10Page - Analog Devices LT8302 Datasheet HTML 11Page - Analog Devices LT8302 Datasheet HTML 12Page - Analog Devices LT8302 Datasheet HTML 13Page - Analog Devices LT8302 Datasheet HTML 14Page - Analog Devices LT8302 Datasheet HTML 15Page - Analog Devices LT8302 Datasheet HTML 16Page - Analog Devices LT8302 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT8301
13
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
A snubber circuit is recommended for most applications.
Two types of snubber circuits shown in Figure 6 that can
protect the internal power switch include the DZ (diode-
Zener) snubber and the RC (resistor-capacitor) snubber.
The DZ snubber ensures well defined and consistent
clamping voltage and has slightly higher power efficiency,
while the RC snubber quickly damps the voltage spike
ringing and provides better load regulation and EMI per-
formance. Figure 5 shows the flyback waveforms with the
DZ and RC snubbers.
For the DZ snubber, proper care must be taken when
choosing both the diode and the Zener diode. Schottky
diodes are typically the best choice, but some PN diodes
can be used if they turn on fast enough to limit the leakage
inductance spike. Choose a diode that has a reverse-volt-
age rating higher than the maximum SW pin voltage. The
Zener diode breakdown voltage should be chosen to bal-
ance power loss and switch voltage protection. The best
compromise is to choose the largest voltage breakdown.
Use the following equation to make the proper choice:
VZENER(MAX) ≤ 65V – VIN(MAX)
For an application with a maximum input voltage of 32V,
choose a 20V Zener diode, the VZENER(MAX) of which is
around 21V and below the 33V maximum.
The power loss in the clamp will determine the power
rating of the Zener diode. Power loss in the clamp is
highest at maximum load and minimum input voltage.
The switch current is highest at this point along with the
energy stored in the leakage inductance. A 0.25W Zener
will satisfy most applications when the highest VZENER
is chosen.
Figure 5. Maximum Voltages for SW Pin Flyback Waveform
Figure 6. Snubber Circuits
8301 F05
VSW
tOFF > 450ns
VLEAKAGE
tSP < 350ns
VSW
VSW
TIME
No Snubber
with DZ Snubber
with RC Snubber
tOFF > 450ns
VLEAKAGE
tSP < 350ns
TIME
tOFF > 450ns
VLEAKAGE
tSP < 350ns
TIME
<65V
<50V
<65V
<50V
<65V
<50V
8301 F06b
8300 F06a
DZ Snubber
RC Snubber
Lℓ
Z
D
C
R
•
•
Lℓ
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com