Electronic Components Datasheet Search
  English  ▼

X  

LT3476 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3476
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3476 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3476 Datasheet HTML 9Page - Analog Devices LT3476 Datasheet HTML 10Page - Analog Devices LT3476 Datasheet HTML 11Page - Analog Devices LT3476 Datasheet HTML 12Page - Analog Devices LT3476 Datasheet HTML 13Page - Analog Devices LT3476 Datasheet HTML 14Page - Analog Devices LT3476 Datasheet HTML 15Page - Analog Devices LT3476 Datasheet HTML 16Page - Analog Devices LT3476 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT3756/LT3756-1/LT3756-2
13
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
When VCTRL is higher than 1.2V, the LED current is regu-
lated to:
ILED =
100mV
RLED
The LED current programming feature can increase total
dimming range by a factor of 10. The CTRL pin should
not be left open (tie to VREF if not used). The CTRL pin
can also be used in conjunction with a thermistor to
provide overtemperature protection for the LED load, or
with a resistor divider to VIN to reduce output power and
switching current when VIN is low. The presence of a time
varying differential voltage signal (ripple) across ISP and
ISN at the switching frequency is expected. The amplitude
of this signal is increased by high LED load current, low
switching frequency and/or a smaller value output filter
capacitor. Some level of ripple signal is acceptable: the
compensation capacitor on the VC pin filters the signal so
the average difference between ISP and ISN is regulated
to the user-programmed value. Ripple voltage amplitude
(peak-to-peak) in excess of 20mV should not cause mis-
operation, but may lead to noticeable offset between the
average value and the user-programmed value.
Programming Output Voltage (Constant-Voltage
Regulation) or Open LED/Overvoltage Threshold
For a boost or SEPIC application, the output voltage can
be set by selecting the values of R3 and R4 (see Figure 2)
according to the following equation:
VOUT = 1.25 •
R3 + R4
R4
For a boost type LED driver, set the resistor from the
output to the FB pin such that the expected VFB during
FB
LT3756
VIN
R4
375612 F02
R3
Figure 2. Feedback Resistor Connection
for Boost or SEPIC LED Drivers
FB
LT3756
100k
VOUT
R4
375612 F03
R3
LED
ARRAY
RSEN(EXT)
COUT
+
–
Figure 3. Feedback Resistor Connection for
Buck Mode or Buck-Boost Mode LED Driver
normal operation will not exceed 1.1V. For an LED driver
of buck or a buck-boost configuration, the output voltage
is typically level-shifted to a signal with respect to GND
as illustrated in Figure 3. The output can be expressed as:
VOUT = VBE + 1.25 •
R3
R4
ISP/ISN Short-Circuit Protection Feature (for SEPIC)
The ISP and ISN pins have a protection feature indepen-
dent of the LED current sense feature that operates at
ISN below 3V. The purpose of this feature is to provide
continuous current sensing when ISN is below the LED
current sense common mode range (during start-up or
an output short-circuit fault) to prevent the development
of excessive switching currents that could damage the
power components in a SEPIC converter. The action
threshold (150mV, typ) is above the default LED current
sense threshold, so that no interference will occur over
the ISN voltage range where these two functions overlap.
This feature acts in the same manner as SENSE current
limit — it prevents GATE from going high (switch turn-on)
until the ISP/ISN difference falls below the threshold. If the
load has appreciable series inductance, use of a Schottky
clamp from GND to ISN is recommended for the SEPIC
to prevent excessive current flowing from the ISN pin in
a fault.
Dimming Control
There are two methods to control the current source for
dimming using the LT3756. One method uses the CTRL
pin to adjust the current regulated in the LEDs. A second



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com