Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 7 Page - Analog Devices

Part # LT3574
Description  42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3574 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT3574 Datasheet HTML 3Page - Analog Devices LT3574 Datasheet HTML 4Page - Analog Devices LT3574 Datasheet HTML 5Page - Analog Devices LT3574 Datasheet HTML 6Page - Analog Devices LT3574 Datasheet HTML 7Page - Analog Devices LT3574 Datasheet HTML 8Page - Analog Devices LT3574 Datasheet HTML 9Page - Analog Devices LT3574 Datasheet HTML 10Page - Analog Devices LT3574 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT8301
7
Rev. B
For more information www.analog.com
OPERATION
The LT8301 is a current mode switching regulator IC
designed specially for the isolated flyback topology. The
key problem in isolated topologies is how to commu-
nicate the output voltage information from the isolated
secondary side of the transformer to the primary side
for regulation. Historically, opto-isolators or extra trans-
former windings communicate this information across
the isolation boundary. Opto-isolator circuits waste output
power, and the extra components increase the cost and
physical size of the power supply. Opto-isolators can also
cause system issues due to limited dynamic response,
nonlinearity, unit-to-unit variation and aging over life-
time. Circuits employing extra transformer windings also
exhibit deficiencies, as using an extra winding adds to
the transformer’s physical size and cost, and dynamic
response is often mediocre.
The LT8301 samples the isolated output voltage through
the primary-side flyback pulse waveform. In this man-
ner, neither opto-isolator nor extra transformer winding
is required for regulation. Since the LT8301 operates
in either boundary conduction mode or discontinuous
conduction mode, the output voltage is always sampled
on the SW pin when the secondary current is zero. This
method improves load regulation without the need of
external load compensation components.
The LT8301 is a simple to use micropower isolated fly-
back converter housed in a 5-lead TSOT-23 package. The
output voltage is programmed with a single external resis-
tor. By integrating the loop compensation and soft-start
inside, the part further reduces the number of external
components. As shown in the Block Diagram, many of
the blocks are similar to those found in traditional switch-
ing regulators including reference, regulators, oscillator,
logic, current amplifier, current comparator, driver, and
power switch. The novel sections include a flyback pulse
sense circuit, a sample-and-hold error amplifier, and a
boundary mode detector, as well as the additional logic for
boundary conduction mode, discontinuous conduction
mode, and low ripple Burst Mode operation.
Boundary Conduction Mode Operation
The LT8301 features boundary conduction mode opera-
tion at heavy load, where the chip turns on the primary
power switch when the secondary current is zero.
Boundary conduction mode is a variable frequency, vari-
able peak-current switching scheme. The power switch
turns on and the transformer primary current increases
until an internally controlled peak current limit. After the
power switch turns off, the voltage on the SW pin rises to
the output voltage multiplied by the primary-to-secondary
transformer turns ratio plus the input voltage. When the
secondary current through the output diode falls to zero,
the SW pin voltage collapses and rings around VIN. A
boundary mode detector senses this event and turns the
power switch back on.
Boundary conduction mode returns the secondary current
to zero every cycle, so parasitic resistive voltage drops
do not cause load regulation errors. Boundary conduc-
tion mode also allows the use of smaller transformers
compared to continuous conduction mode and does not
exhibit sub-harmonic oscillation.
Discontinuous Conduction Mode Operation
As the load gets lighter, boundary conduction mode
increases the switching frequency and decreases the
switch peak current at the same ratio. Running at a higher
switching frequency up to several MHz increases switch-
ing and gate charge losses. To avoid this scenario, the
LT8301 has an additional internal oscillator, which clamps
the maximum switching frequency to be less than 430kHz
(typ). Once the switching frequency hits the internal fre-
quency clamp, the part starts to delay the switch turn-on
and operates in discontinuous conduction mode.
Low Ripple Burst Mode Operation
Unlike traditional flyback converters, the LT8301 has to
turn on and off at least for a minimum amount of time
and with a minimum frequency to allow accurate sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com