Electronic Components Datasheet Search
  English  ▼

X  

LT3478 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3478
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3478 Datasheet(HTML) 2 Page - Analog Devices

  LT3478 Datasheet HTML 1Page - Analog Devices LT3478 Datasheet HTML 2Page - Analog Devices LT3478 Datasheet HTML 3Page - Analog Devices LT3478 Datasheet HTML 4Page - Analog Devices LT3478 Datasheet HTML 5Page - Analog Devices LT3478 Datasheet HTML 6Page - Analog Devices LT3478 Datasheet HTML 7Page - Analog Devices LT3478 Datasheet HTML 8Page - Analog Devices LT3478 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3756/LT3756-1/LT3756-2
2
Rev. C
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
VIN ..........................................................................100V
SHDN/UVLO............................................................100V
ISP, ISN ...................................................................100V
INTVCC ...................................................... VIN + 0.3V, 8V
GATE, PWMOUT (Note 4)..........................INTVCC + 0.3V
CTRL, PWM, OPENLED.............................................12V
VC, VREF, SS, FB .........................................................3V
SYNC ..........................................................................8V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3756EMSE#PBF
LT3756EMSE#TRPBF
3756
16-Lead Plastic MSOP
–40°C to 125°C
LT3756IMSE#PBF
LT3756IMSE#TRPBF
3756
16-Lead Plastic MSOP
–40°C to 125°C
LT3756EMSE-1#PBF
LT3756EMSE-1#TRPBF
37561
16-Lead Plastic MSOP
–40°C to 125°C
LT3756IMSE-1#PBF
LT3756IMSE-1#TRPBF
37561
16-Lead Plastic MSOP
–40°C to 125°C
LT3756EMSE-2#PBF
LT3756EMSE-2#TRPBF
37562
16-Lead Plastic MSOP
–40°C to 125°C
LT3756IMSE-2#PBF
LT3756IMSE-2#TRPBF
37562
16-Lead Plastic MSOP
–40°C to 125°C
LT3756HMSE-2#PBF
LT3756HMSE-2#TRPBF
37562
16-Lead Plastic MSOP
–40°C to 150°C
LT3756JMSE-2#PBF
LT3756JMSE-2#TRPBF
37562
16-Lead Plastic MSOP
–40°C to 150°C
LT3756EUD#PBF
LT3756EUD#TRPBF
LDMQ
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LT3756IUD#PBF
LT3756IUD#TRPBF
LDMQ
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LT3756EUD-1#PBF
LT3756EUD-1#TRPBF
LDMR
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LT3756IUD-1#PBF
LT3756IUD-1#TRPBF
LDMR
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LT3756EUD-2#PBF
LT3756EUD-2#TRPBF
LFKB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
LT3756IUD-2#PBF
LT3756IUD-2#TRPBF
LFKB
16-Lead (3mm × 3mm) Plastic QFN
–40°C to 125°C
1
2
3
4
5
6
7
8
PWMOUT
FB
ISN
ISP
VC
CTRL
VREF
PWM
16
15
14
13
12
11
10
9
GATE
SENSE
VIN
INTVCC
SHDN/UVLO
RT
SS
SYNC OR OPENLED
TOP VIEW
17
GND
MSE PACKAGE
16-LEAD PLASTIC MSOP
TJMAX = 125°C (E-,I-GRADES), TJMAX = 150°C (H, J-GRADES), θJA = 43°C/W, θJC = 4°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
VREF
PWM
SYNC OR OPENLED
SS
FB
PWMOUT
GATE
SENSE
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
RT ............................................................................1.5V
SENSE......................................................................0.5V
Operating Junction Temperature Range (Notes 2, 3)
LT3756E, LT3756I ..............................–40°C to 125°C
LT3756H/LT3756J.............................. –40°C to 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSE.................................................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com