Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 14 Page - Analog Devices

Part # LT3496
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3496 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3496 Datasheet HTML 10Page - Analog Devices LT3496 Datasheet HTML 11Page - Analog Devices LT3496 Datasheet HTML 12Page - Analog Devices LT3496 Datasheet HTML 13Page - Analog Devices LT3496 Datasheet HTML 14Page - Analog Devices LT3496 Datasheet HTML 15Page - Analog Devices LT3496 Datasheet HTML 16Page - Analog Devices LT3496 Datasheet HTML 17Page - Analog Devices LT3496 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT3756/LT3756-1/LT3756-2
14
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
method uses the PWM pin to modulate the current source
between zero and full current to achieve a precisely pro-
grammed average current. To make PWM dimming more
accurate, the switch demand current is stored on the VC
node during the quiescent phase when PWM is low. This
featureminimizesrecoverytimewhenthePWMsignalgoes
high. To further improve the recovery time, a disconnect
switch may be used in the LED current path to prevent the
ISP node from discharging during the PWM signal low
phase. The minimum PWM on or off time will depend on
the choice of operating frequency and external component
selection. With operation in discontinuous conduction
mode (DCM), regulated current pulses as short as 1µs are
achievable. But, the best overall combination of PWM and
analog dimming (with CTRL) is available if the minimum
PWM pulse is at least six switching cycles.
Programming the Switching Frequency
The RT frequency adjust pin allows the user to program
the switching frequency from 100kHz to 1MHz to optimize
efficiency/performanceorexternalcomponentsize.Higher
frequency operation yields smaller component size but
increases switching losses and gate driving current, and
may not allow sufficiently high or low duty cycle operation.
Lowerfrequencyoperationgivesbetterperformanceatthe
cost of larger external component size. For an appropriate
RT resistor value see Table 1. An external resistor from the
RT pin to GND is required—do not leave this pin open.
Table 1. Switching Frequency vs RT Value
fOSC (kHz)
RT (kΩ)
1000
10.0
900
11.8
800
13.0
700
15.4
600
17.8
500
21.0
400
26.7
300
35.7
200
53.6
100
100
Duty Cycle Considerations
Switching duty cycle is a key variable defining converter
operation, therefore, its limits must be considered when
programming the switching frequency for a particular
application. The fixed minimum on-time and minimum
off-time (see Figure 4) and the switching frequency define
the minimum and maximum duty cycle of the switch, re-
spectively. The following equations express the minimum/
maximum duty cycle:
Min Duty Cycle = (minimum on-time) • switching fre-
quency
Max Duty Cycle = 1 – (minimum off-time) • switching
frequency
When calculating the operating limits, the typical values
for on/off-time in the data sheet should be increased by
at least 60ns to allow margin for PWM control latitude,
GATE rise/fall times and SW node rise/fall times.
0
100
200
300
50
150
250
375612 F04
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
MINIMUM ON-TIME
MINIMUM OFF-TIME
CGATE = 3300pF
Figure 4. Typical Minimum On and Off
Pulse Width vs Temperature
Thermal Considerations
The LT3756 series is rated to a maximum input voltage of
100V. Careful attention must be paid to the internal power
dissipation of the IC at higher input voltages to ensure that
a junction temperature of 125°C (150°C for H-grade and
J-Grade) is not exceeded. This junction limit is especially



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com