Electronic Components Datasheet Search
  English  ▼

X  

LT3518 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3518
Description  100VIN, 100VOUT LED Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3518 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3518 Datasheet HTML 17Page - Analog Devices LT3518 Datasheet HTML 18Page - Analog Devices LT3518 Datasheet HTML 19Page - Analog Devices LT3518 Datasheet HTML 20Page - Analog Devices LT3518 Datasheet HTML 21Page - Analog Devices LT3518 Datasheet HTML 22Page - Analog Devices LT3518 Datasheet HTML 23Page - Analog Devices LT3518 Datasheet HTML 24Page - Analog Devices LT3518 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT3756/LT3756-1/LT3756-2
21
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
Buck-Boost Mode LED Driver
VIN
LT3756-2
L1
68µH
GND
VC
INTVCC
SHDN/UVLO
FB
VREF
ISP
1M
0.1µF
VIN
9V TO
65V
VIN
VIN
VOUT
L1: COILCRAFT MSS1038-683
D1: ON SEMICONDUCTOR MBRS3100T3
M1: VISHAY SILICONIX Si2328DS
M2: ZETEX ZXM6IP03F
Q1: ZETEX FMMT493
185k
35.7k
300kHz
39k
4700pF
C2
2.2µF
10V
CTRL
1.5k
1k
1M
Q1
M2
13k
1
M1
0.068
D1
C3
4.7µF
375612 TA03a
OPENLED
PWM
SS
RT
ISN
GATE
SENSE
PWMOUT
C1
4.7µF
1µF
100V
24V TO 32V
LED STRING
100mA
100k
INTVCC
Efficiency vs VIN
VIN (V)
0
50
60
70
80
90
100
20
40
60
375612 TA03b
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com