Electronic Components Datasheet Search
  English  ▼

X  

IXTM20N60 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTM20N60
Description  MegaMOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTM20N60 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTM20N60 Datasheet HTML 1Page - IXYS Corporation IXTM20N60 Datasheet HTML 2Page - IXYS Corporation IXTM20N60 Datasheet HTML 3Page - IXYS Corporation IXTM20N60 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXTH 20N60
IXTM 20N60
V
DS - Volts
1
10
100
0.1
1
10
100
Gate Charge - nCoulombs
0
20406080
100
120
140
0
1
2
3
4
5
6
7
8
9
10
V
SD - Volts
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
10
20
30
40
50
60
70
80
V
CE - Volts
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Pulse Width - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
600
D=0.5
C
rss
C
oss
C
iss
V
DS = 300V
I
D = 20A
I
G = 10mA
10µs
100µs
1ms
10ms
100ms
Limited by R
DS(on)
Single Pulse
f = 1 MHz
V
DS = 25V
T
J = 125°C
T
J = 25°C
D=0.2
D=0.01
D=0.02
D=0.05
D=0.1
Fig.7 Gate Charge Characteristic Curve
Fig.8 Forward Bias Safe Operating Area
Fig.11 Transient Thermal Impedance
Fig.9 Capacitance Curves
Fig.10 Source Current vs. Source
to Drain Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com