Electronic Components Datasheet Search
  English  ▼

X  

IXTH50N20 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH50N20
Description  MegaMOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH50N20 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH50N20 Datasheet HTML 1Page - IXYS Corporation IXTH50N20 Datasheet HTML 2Page - IXYS Corporation IXTH50N20 Datasheet HTML 3Page - IXYS Corporation IXTH50N20 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXTH 50N20
IXTM 50N20
Fig.7 Gate Charge Characteristic Curve
Fig.8 Forward Bias Safe Operating Area
Fig.11 Transient Thermal Impedance
Fig.9 Capacitance Curves
Fig.10 Source Current vs. Source
to Drain Voltage
T
J = 25°C
Gate Charge - nCoulombs
0
25
50
75
100 125 150 175 200
0
2
4
6
8
10
12
14
Time - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
V
DS - Volts
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
C
iss
C
oss
C
rss
10ms
100ms
V
DS - Volts
1
10
100
1
10
100
V
SD - Volts
0.20.4
0.60.8
1.0
0
10
20
30
40
50
V
DS = 100V
I
D = 50A
I
G = 10mA
Limited by R
DS(on)
10µs
100µs
1ms
f = 1 MHz
V
DS = 25V
T
J = 125°C
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5
Single pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com