Electronic Components Datasheet Search
  English  ▼

X  

IXTK74N20 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTK74N20
Description  High Current MegaMOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK74N20 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTK74N20 Datasheet HTML 1Page - IXYS Corporation IXTK74N20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 1998 IXYS All rights reserved
C2 - 15
C2
Symbol
Test Conditions
Characteristic values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS = 10 V; ID = 0.5 ID25, pulse test
35
42
S
C
iss
5450
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1275
pF
C
rss
630
pF
t
d(on)
30
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
230
ns
t
d(off)
R
G = 1 Ω (External)
180
ns
t
f
50
ns
Q
g(on)
300
nC
Q
gs
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
75
nC
Q
gd
100
nC
R
thJC
TO-264 AA
0.30 K/W
R
thCK
0.15
K/W
R
thJC
TO-247 AD
0.35 K/W
R
thCK
0.15
K/W
Source-Drain Diode
Ratings and Characteristics
(T
J = 25°C unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0
74N20
74
A
68N20
68
A
I
SM
Repetitive; pulse width limited by T
JM
74N20
296
A
68N20
272
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t ≤ 300 µs, duty cycle d ≤ 2 %
t
rr
I
F = IS, -di/dt = 100 A/µs, VR = 100V
600
ns
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
TO-247 AD (IXTH) Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
1
2
3
IXTH 68N20
IXTK 74N20
IXYS MOSFETs and IGBTs are covered by one of the following U.S.patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117 5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481 5,381,025
TO-264 AA Outline
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.82
5.13
.190
.202
A1
2.54
2.89
.100
.114
A2
2.00
2.10
.079
.083
b
1.12
1.42
.044
.056
b1
2.39
2.69
.094
.106
b2
2.90
3.09
.114
.122
c
0.53
0.83
.021
.033
D
25.91 26.16
1.020
1.030
E
19.81 19.96
.780
.786
e
5.46 BSC
.215 BSC
J
0.00
0.25
.000
.010
K
0.00
0.25
.000
.010
L
20.32 20.83
.800
.820
L1
2.29
2.59
.090
.102
P
3.17
3.66
.125
.144
Q
6.07
6.27
.239
.247
Q1
8.38
8.69
.330
.342
R
3.81
4.32
.150
.170
R1
1.78
2.29
.070
.090
S
6.04
6.30
.238
.248
T
1.57
1.83
.062
.072
Dim.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com