Electronic Components Datasheet Search
  English  ▼

X  

IXTH10N100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH10N100
Description  MegaMOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH10N100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH10N100 Datasheet HTML 1Page - IXYS Corporation IXTH10N100 Datasheet HTML 2Page - IXYS Corporation IXTH10N100 Datasheet HTML 3Page - IXYS Corporation IXTH10N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
10N100
10
A
12N100
12
A
I
DM
T
C = 25°C, pulse width limited by TJM
10N100
40
A
12N100
48
A
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-204 = 18 g, TO-247 = 6 g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-247 AD (IXTH)
MegaMOSTMFET
N-Channel Enhancement Mode
TO-204 AA (IXTM)
V
DSS
I
D25
R
DS(on)
IXTH / IXTM 10N100
1000 V
10 A
1.20
Ω
Ω
Ω
Ω
Ω
IXTH / IXTM 12N100
1000 V
12 A
1.05
Ω
Ω
Ω
Ω
Ω
G = Gate,
D = Drain,
S = Source,
TAB = Drain
G
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 3 mA
1000
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA
2
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C
250
µA
V
GS
= 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
10N100
1.20
Ω
12N100
1.05
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
91540E(5/96)
Features
l
International standard packages
l
Low R
DS (on) HDMOS
TM process
l
Rugged polysilicon gate cell structure
l
Low package inductance (< 5 nH)
- easy to drive and to protect
l
Fast switching times
Applications
l
Switch-mode and resonant-mode
power supplies
l
Motor controls
l
Uninterruptible Power Supplies (UPS)
l
DC choppers
Advantages
l
Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole)
l
Space savings
l
High power density
D (TAB)
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXTH10N100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH10N100 ISC-IXTH10N100 Datasheet
367Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTH10N100D IXYS-IXTH10N100D Datasheet
129Kb / 5P
N-Channel, Depletion Mode
IXTH10N100D2 IXYS-IXTH10N100D2 Datasheet
165Kb / 5P
Depletion Mode MOSFET
More results

Similar Description - IXTH10N100

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKV460FP SANKEN-FKV460FP Datasheet
14Kb / 1P
MOS FET
logo
IXYS Corporation
IRFP470 IXYS-IRFP470 Datasheet
47Kb / 2P
N-Channel Enhancement Mode MegaMOS FET
IXTH12N90 IXYS-IXTH12N90 Datasheet
102Kb / 4P
MegaMOS FET
IRFP460 IXYS-IRFP460 Datasheet
77Kb / 4P
MegaMOS - Power MOSFET
IXTH20N60 IXYS-IXTH20N60 Datasheet
105Kb / 4P
MegaMOS FET
IXTH30N50 IXYS-IXTH30N50 Datasheet
59Kb / 2P
MegaMOS FET
IXTH50N20 IXYS-IXTH50N20 Datasheet
111Kb / 4P
MegaMOS FET
IXTT75N10 IXYS-IXTT75N10 Datasheet
53Kb / 2P
MegaMOS FET
IRFP360 IXYS-IRFP360 Datasheet
50Kb / 2P
MegaMOS FET
IXTN120N25 IXYS-IXTN120N25 Datasheet
584Kb / 5P
High Current MegaMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com