Electronic Components Datasheet Search
  English  ▼

X  

IXTH12N100 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH12N100
Description  MegaMOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH12N100 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH12N100 Datasheet HTML 1Page - IXYS Corporation IXTH12N100 Datasheet HTML 2Page - IXYS Corporation IXTH12N100 Datasheet HTML 3Page - IXYS Corporation IXTH12N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXTH10N100
IXTH12N100
IXTM10N100
IXTM12N100
Fig.7 Gate Charge Characteristic Curve
Fig.8 Forward Bias Safe Operating Area
Fig.11 Transient Thermal Impedance
Fig.9 Capacitance Curves
Fig.10 Source Current vs. Source
to Drain Voltage
V
DS - Volts
1
10
100
1000
0.1
1
10
Gate Charge - nCoulombs
0
255075
100
125
150
0
1
2
3
4
5
6
7
8
9
10
V
SD - Volts
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
12
14
16
18
20
V
DS - Volts
0
5
10
15
20
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Time - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
D=0.5
C
rss
C
oss
10µs
100µs
1ms
10ms
100ms
C
iss
Limited by R
DS(on)
V
DS = 500V
I
D = 6A
I
G = 10mA
Single Pulse
f = 1MHz
V
DS = 25V
T
J = 125°C
T
J = 25°C
D=0.2
D=0.1
D=0.05
D=0.01
D=0.02



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com