Electronic Components Datasheet Search
  English  ▼

X  

PB555BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PB555BA
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PB555BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PB555BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PB555BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PB555BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PB555BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PB555BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PB555BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PB555BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PB555BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PB555BA
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
-30
-0.8
-1.7
-2.5
±100
nA
-1
-10
18
25
29
40
22
S
920
133
115
13
Ω
20
10
2
5
16
18
40
26
-2.7
A
-1
V
11
nS
3.8
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
Total Gate Charge
2
Qg(VGS=-4.5V)
Gate Resistance
VGS = 0V, VDS = 0V, f = 1MHz
SYMBOL
pF
Gate-Body Leakage
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = -4.5V, ID = -6A
VDS = -5V, ID = -6A
UNITS
mΩ
Zero Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = VGS, ID = -250mA
VDS = -15V ,ID = -6A
VGS(th)
Forward Transconductance
1
VDS = -20V, VGS = 0V, TJ = 55°C
VGS = -10V, ID = -6A
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Ciss
Input Capacitance
Turn-Off Delay Time
2
Fall Time
2
Output Capacitance
Qg(VGS=-10V)
V(BR)DSS
VSD
trr
IF = -6A, VGS = 0V
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
nC
Qgs
TEST CONDITIONS
PARAMETER
Qgd
gfs
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
nS
VDD = -15V
ID @ -6A, VGEN = -10V, RG = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
IS
VDS = -24V, VGS = 0V
STATIC
Drain-Source Breakdown Voltage
V
VGS = 0V, VDS = -15V, f = 1MHz
mA
DYNAMIC
IF = -6A, dlF/dt = 100A / mS
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
LIMITS
VGS = 0V, ID = -250mA
Rg
REV 1.1
2
2015/9/24



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com