Electronic Components Datasheet Search
  English  ▼

X  

MCC94 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCC94
Description  High Voltage Thyristor Module High Voltage Thyristor/Diode Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC94 Datasheet(HTML) 1 Page - IXYS Corporation

  MCC94 Datasheet HTML 1Page - IXYS Corporation MCC94 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
Symbol
Test Conditions
Maximum Ratings
I
TRMS
T
VJ = TVJM
A
I
TAVM
T
C = 85°C; 180° sine
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz)
A
V
R = 0
t = 8.3 ms (60 Hz)
A
T
VJ = TVJM
t = 10 ms (50 Hz)
A
V
R = 0
t = 8.3 ms (60 Hz)
A
òi2dt
T
VJ = 45°C
t = 10 ms (50 Hz)
A2s
V
R = 0
t = 8.3 ms (60 Hz)
A2s
T
VJ = TVJM
t = 10 ms (50 Hz)
A2s
V
R = 0
t = 8.3 ms (60 Hz)
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive,
I
T =A
A/
ms
f = 50 Hz, t
P = 200 ms
V
D = 2/3 VDRM
I
G
=
A,
non repetitive, I
T = ITAVM
A/
ms
di
G/dt =
A/
ms
(dv/dt)
cr
T
VJ = TVJM;
V
DR = 2/3 VDRM
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
msW
I
T
= I
TAVM
t
P = 300 msW
P
GAV
W
V
RGM
V
T
VJ
°C
T
VJM
°C
T
stg
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
V~
I
ISOL £ 1 mA
t = 1 s
V~
M
d
Mounting torque (M5)
Nm/lb.in.
Terminal connection torque (M5)
Nm/lb.in.
Weight
Typical including screws
g
I
TRMS
= 2x 180 A
I
TAVM
= 2x 104 A
V
RRM = 2000-2200 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
2100
2000
MCC 94-20io1 B
MCD 94-20io1 B
2300
2200
MCC 94-22io1 B
MCD 94-22io1 B
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
1700
1800
180
104
1540
1640
14450
13500
11850
11300
250
150
0.45
500
0.45
1000
10
5
0.5
10
2.5-4.0/22-35
2.5-4.0/22-35
90
-40 ...125
125
-40 ...125
3000
3600
Features
q
International standard package,
JEDEC TO-240 AA
q
Direct Copper Bonded Al
2O3 -ceramic
base plate
q
Planar passivated chips
q
Isolation voltage 3600 V~
q
UL registered, E 72873
q
Gate-cathode twin pins for version 1B
Applications
q
DC motor control
q
Softstart AC motor controller
q
Light, heat and temperature control
Advantages
q
Space and weight savings
q
Simple mounting with two screws
q
Improved temperature and power
cycling
q
Reduced protection circuits
MCC 94
MCD 94
High Voltage Thyristor Module
High Voltage Thyristor/Diode Modules
6
7
4
5
3
2
1
TO-240 AA
MCD
MCC
36 7 1
5 4 2
31
5 4 2


Similar Part No. - MCC94

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC94-20IO1B IXYS-MCC94-20IO1B Datasheet
467Kb / 5P
Phase leg
MCC94-22IO1B IXYS-MCC94-22IO1B Datasheet
467Kb / 5P
Phase leg
MCC94-24IO1B IXYS-MCC94-24IO1B Datasheet
467Kb / 5P
Thyristor Module
More results

Similar Description - MCC94

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKT94 POWERSEM-PSKT94 Datasheet
116Kb / 2P
High Voltage Thyristor/Diode Modules
logo
IXYS Corporation
MCD161-20IO1 IXYS-MCD161-20IO1 Datasheet
231Kb / 6P
High Voltage Thyristor Diode Module
MCD161-22IO1 IXYS-MCD161-22IO1 Datasheet
231Kb / 6P
High Voltage Thyristor Diode Module
MCD310-22IO1 IXYS-MCD310-22IO1 Datasheet
197Kb / 6P
High Voltage Thyristor Diode Module
MCNA40PD2200TB IXYS-MCNA40PD2200TB Datasheet
468Kb / 5P
High Voltage Thyristor Diode Module
MCNA55PD2200TB IXYS-MCNA55PD2200TB Datasheet
470Kb / 5P
High Voltage Thyristor Diode Module
MCNA75PD2200TB IXYS-MCNA75PD2200TB Datasheet
469Kb / 5P
High Voltage Thyristor Diode Module
MCNA120PD2200TB IXYS-MCNA120PD2200TB Datasheet
481Kb / 5P
High Voltage Thyristor Diode Module
MCNA180PD2200YB IXYS-MCNA180PD2200YB Datasheet
220Kb / 5P
High Voltage Thyristor Diode Module
MCNA650PD2200CB IXYS-MCNA650PD2200CB Datasheet
202Kb / 5P
High Voltage Thyristor Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com