Electronic Components Datasheet Search
  English  ▼

X  

MCC161 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MCC161
Description  High Voltage Thyristor Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC161 Datasheet(HTML) 3 Page - IXYS Corporation

  MCC161 Datasheet HTML 1Page - IXYS Corporation MCC161 Datasheet HTML 2Page - IXYS Corporation MCC161 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2005 IXYS All rights reserved
3 - 3
MCC 161
MCD 161
0
25
50
75
100
125
ms
I
FAVM, ITAVM
T
A
P
tot
0
100
200
300
400
0
200
400
600
800
1000
1200
1400
1600
1800
2000
C
W
A
P
tot
I
DAVM
T
A
R
thKA K/W
0.02
0.04
0.06
0.1
0.15
0.20
0.30
0
50
100 150 200 250
0
40
80
120
160
200
240
280
320
360
400
s
0
25
50
75
100
125
A
0.001
0.01
0.1
1
0
1000
2000
3000
4000
5000
6000
t
T
VJ =
45°C
T
VJ = 125°C
110
104
105
106
I
2t
t
A
2s
T
VJ = 45°C
T
VJ = 125°C
T
C
0
255075
100
125
0
50
100
150
200
250
300
350
A
I
TAVM,
180° sin
DC
120° rect
60° rect
30° rect
°C
W
t
Z
thJC
10-3
10-2
10-1
100
101
102
0.0
0.1
0.2
0.3
K/W
s
DC
180°
120°
60°
30°
A
C
R
thKA K/W
0.1
0.2
0.3
0.5
0.8
1.5
2
DC
180° sin
120° rect
60° rect
30° rect
I
FAVM
80% V
RRM
50 Hz
I
TSM,
I
FSM
Fig. 4: Surge overload current
I
TSM, IFSM = f(t)
Fig. 5: I2t versus time per diode
Fig. 6: Max. forward current at case
temperature I
TAVM/FAVM = f (TC,d)
Fig. 7: Power dissipation vs. on-state current and ambient
temperature (per thyristor/diode)
Fig. 8: Power dissipation vs. direct output current and
ambient temperature (three phase rectifier bridge)
Fig. 9: Transient thermal impedance junction to case Z
thjC
at various conduction angles
Constants for Z
thJC calculation (DC):
iR
thi (K/W)
t
i (s)
1
0.012
0.00014
2
0.008
0.019
3
0.03
0.18
4
0.073
0.52
5
0.032
1.6
R
thJC for various condition angles:
dR
thJC (K/W)
DC_
0.155
180°
0.171
120°
0.184
60°
0.222
30°
0.294



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com