Electronic Components Datasheet Search
  English  ▼

X  

PB600BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PB600BA
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PB600BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PB600BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PB600BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PB600BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PB600BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PB600BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PB600BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PB600BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PB600BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PB600BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
30
1.3
1.7
2.5
±100
nA
1
10
11
17.5
9
12
45
S
706
103
74
3.1
Ω
15
8
2.6
3.6
13
37
48
25
1.5
A
1.1
V
11
nS
3
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
Drain-Source On-State
Resistance
1
RDS(ON)
VGS =10V, ID = 9A
IF = 9A, dlF/dt = 100A / μS
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
LIMITS
VGS = 0V, ID = 250mA
Rg
IS
VDS =24V, VGS = 0V
pF
STATIC
Drain-Source Breakdown Voltage
V
VGS = 0V, VDS = 15V, f = 1MHz
mΩ
mA
DYNAMIC
Qrr
Reverse Recovery Charge
Continuous Current
Forward Voltage
1
Reverse Recovery Time
nS
VDD = 15V
ID @ 9A, VGEN = 10V, RG = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
nC
Qgs
TEST CONDITIONS
VSD
trr
IF = 9A, VGS = 0V
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
V(BR)DSS
PARAMETER
VDS = 15V , ID = 9A
Output Capacitance
gfs
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Ciss
VDS =10V, ID = 9A
Input Capacitance
Qgd
Qg(VGS=10V)
VGS = 4.5V, ID = 9A
SYMBOL
Zero Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = VGS, ID = 250mA
UNITS
Gate Resistance
VGS = 0V, VDS = 0V, f = 1MHz
Total Gate Charge
2
Qg(VGS=4.5V)
Gate-Body Leakage
VGS(th)
Forward Transconductance
1
VDS =20V, VGS = 0V, TJ = 55°C
REV 1.1
2
2018/3/30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com