Electronic Components Datasheet Search
  English  ▼

X  

PC015BD Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PC015BD
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PC015BD Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PC015BD Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015BD Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015BD Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015BD Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015BD Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015BD Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015BD Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015BD Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PC015BD
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
150
1
1.6
3.0
±100
nA
1
10
15
A
285
450
235
300
10
S
991
40
32
1.3
Ω
23
4
8.5
12
21
40
23
6
A
1.3
V
72
nS
168
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
Reverse Recovery Charge
trr
IF = 7A, dlF/dt = 100A / ms
Qrr
Reverse Recovery Time
PARAMETER
SYMBOL
V
IGSS
TEST CONDITIONS
Gate-Body Leakage
IDSS
gfs
VDS = 120V, VGS = 0V
VDS = 100V, VGS = 0V , TJ = 70 °C
VDS = VGS, ID = 250mA
VDS = 0V, VGS = ±20V
VGS = 10V, ID = 7A
mA
Drain-Source Breakdown Voltage
VGS = 4.5V, ID = 6A
VDS = 5V, ID = 7A
VGS(th)
Forward Transconductance
1
VGS = 0V, ID = 250mA
V(BR)DSS
Zero Gate Voltage Drain Current
Qg
VDS = 75V, VGS = 10V,
ID = 7A
Qgd
Qgs
Crss
Rg
VGS = 0V, VDS = 0V, f = 1MHZ
Ciss
Coss
On-State Drain Current
1
RDS(ON)
VSD
Total Gate Charge
2
Input Capacitance
Output Capacitance
Gate Threshold Voltage
IS
IF = 1.8A, VGS = 0V
STATIC
nC
mΩ
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
VGS = 0V, VDS = 25V, f = 1MHz
Gate Resistance
ID(ON)
VDS = 5V, VGS = 10V
Drain-Source On-State
Resistance
1
DYNAMIC
pF
Fall Time
2
Forward Voltage
1
Continuous Current
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
LIMITS
UNITS
nS
VDS = 75V,
ID@ 7A, VGS = 10V, RGEN = 6Ω
td(on)
tr
td(off)
tf
Rev 1.2
2
2016/1/29



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com