Electronic Components Datasheet Search
  English  ▼

X  

PC015HV Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PC015HV
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PC015HV Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PC015HV Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015HV Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015HV Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015HV Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PC015HV Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC015HV
Dual N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
150
1
2
3
±100
nA
1
10
16
A
208
300
235
450
10
S
1010
50
40
1.2
Ω
22
3.2
8
19
42
78
53
1.6
A
1.3
V
43.8
nS
62
uC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
mΩ
VGS = 10V, ID = 1.6A
SYMBOL
UNITS
Gate-Body Leakage
VGS(th)
Forward Transconductance
1
VGS = 4.5V, ID = 1.4A
Drain-Source On-State
Resistance
1
RDS(ON)
LIMITS
VGS = 0V, ID = 250mA
Gate Threshold Voltage
VDS = VGS, ID = 250mA
VDS = 100V, VGS = 0V, TJ = 55 °C
PARAMETER
Total Gate Charge
2
Ciss
VDS = 10V, ID = 1.6A
Input Capacitance
Qgd
Output Capacitance
Qg
gfs
Zero Gate Voltage Drain Current
IGSS
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
V(BR)DSS
TEST CONDITIONS
VDS = 0.5V(BR)DSS, VGS = 10V,
ID = 1.6A
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
IF = 1.6A, VGS = 0V
nS
VDD = 30V,
ID @ 1.6A, VGS = 10V, RGEN = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS(TJ = 25 °C)
td(on)
tr
td(off)
tf
Turn-On Delay Time
2
Continuous Current
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
nC
Qgs
mA
DYNAMIC
VDS = 120V, VGS = 0V
Drain-Source Breakdown Voltage
V
VGS = 0V, VDS = 25V, f = 1MHz
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
pF
STATIC
IF = 1.6A, dl/dt = 100A / mS
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
On-State Drain Current
1
ID(ON)
VDS = 5V, VGS = 10V
Qrr
Reverse Recovery Charge
REV 1.0
2
2014/12/3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com