Electronic Components Datasheet Search
  English  ▼

X  

PC561BA Datasheet(PDF) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PC561BA
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PC561BA Datasheet(HTML) 1 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PC561BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PC561BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PC561BA
P-Channel Enhancement Mode MOSFET
PRODUCT SUMMARY
V(BR)DSS
SOT-89
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
THERMAL RESISTANCE RATINGS
UNITS
1Pulse width limited by maximum junction temperature.
2 The value of Rq
JA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper.
3The Power dissipation is based on Rq
JA t ≦10s value.
73
t ≦10s
Junction-to-Ambient
2
Junction-to-Ambient
2
Steady-State
RqJA
THERMAL RESISTANCE
SYMBOL
PD
TJ, TSTG
TA = 25 °C
Operating Junction & Storage Temperature Range
TYPICAL
1.6
2.5
MAXIMUM
Power Dissipation
3
TA = 70 °C
SYMBOL
LIMITS
IAS
Pulsed Drain Current
1
7
-12
Avalanche Current
EAS
RDS(ON)
TA = 70 °C
PARAMETERS/TEST CONDITIONS
Gate-Source Voltage
45mΩ @V
GS = -10V
-5.7A
ID
-30V
ID
IDM
Continuous Drain Current
Avalanche Energy
RqJA
VGS
-5.7
TA = 25 °C
L = 0.1mH
V
A
RqJC
UNITS
-20
-4.5
±20
°C
-55 to 150
mJ
W
Steady-State
Junction-to-Case
18
°C / W
50
REV 1.0
1
2016/5/31


Similar Part No. - PC561BA

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PC561BA NIKOSEM-PC561BA Datasheet
343Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PC561BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com