Electronic Components Datasheet Search
  English  ▼

X  

PD515BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PD515BA
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PD515BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PD515BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PD515BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PD515BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PD515BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PD515BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PD515BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PD515BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PD515BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD515BA
P-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
-20
-0.3
-0.7
-1
±100
nA
-1
-10
50
65
63
85
82
120
11
S
576
66
50
8
Ω
6.7
4
0.8
1.8
16
37
52
60
-20
A
-1.2
V
7
nS
1
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is -10A.
UNITS
IF = -2.5A, dlF/dt = 100A /mS
VDS = 0V, VGS = ±8V
IDSS
Coss
Crss
td(off)
VGS =-2.5V, ID =-2A
IS
trr
Rg
mΩ
IF = -2.5A, VGS = 0V
STATIC
Drain-Source Breakdown Voltage
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Turn-Off Delay Time
2
Gate-Drain Charge
2
VDS =-10V ,ID @ -2.5A,
VGS=-4.5V,RGEN=6Ω
td(on)
V(BR)DSS
Gate Threshold Voltage
nS
VDS = VGS, ID = -250mA
VGS = 0V, ID = -250mA
nC
Qg(VGS = -2.5V)
Ciss
V
Turn-On Delay Time
2
Drain-Source On-State
Resistance
1
RDS(ON)
VGS =0V, VDS = 0V, f = 1MHz
Qgd
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
Fall Time
2
tr
tf
VSD
Rise Time
2
Qgs
pF
Gate-Source Charge
2
Reverse Transfer Capacitance
Qg(VGS = -4.5V)
Input Capacitance
Total Gate Charge
2
VDS =-10V,
ID = -2.5A
Gate Resistance
VGS = 0V, VDS = -10V, f = 1MHz
SYMBOL
Output Capacitance
DYNAMIC
VGS =-1.8V, ID =-1A
VDS =-16V, VGS = 0V
mA
VGS(th)
PARAMETER
Zero Gate Voltage Drain Current
gfs
LIMITS
IGSS
Gate-Body Leakage
VDS = -5V, ID = -2.5A
TEST CONDITIONS
Forward Transconductance
1
VDS =-10V, VGS = 0V, TJ = 125°C
VGS =-4.5V, ID =-2.5A
REV 1.0
2
2017/1/12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com