Electronic Components Datasheet Search
  English  ▼

X  

PD648BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PD648BA
Description  N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PD648BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PD648BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PD648BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PD648BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PD648BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PD648BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PD648BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
30
1.3
1.75
2.3
±100
nA
1
10
3.9
5.2
3
3.9
80
S
2010
325
205
1.1
Ω
41.3
21.5
6.2
10
37
18
68
19
48
A
1.3
V
32
nS
23
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3 Package limitation current is 55A.
Gate-Body Leakage
VGS(th)
VGS = 10V, ID = 20A
Drain-Source On-State
Resistance
1
RDS(ON)
mΩ
VGS = 4.5V, ID = 15A
SYMBOL
UNITS
Zero Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = VGS, ID = 250mA
VDS = 20V, VGS = 0V, TJ = 125 °C
PARAMETER
Ciss
VDS =5V, ID = 20A
Input Capacitance
Qgd
Output Capacitance
Qg(VGS=10V)
Forward Transconductance
1
gfs
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
V(BR)DSS
TEST CONDITIONS
IS
VSD
trr
IF = 20A, VGS = 0V
nS
VDS = 15V,
ID @ 20A, VGS = 10V, RGEN = 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
nC
Qgs
mA
DYNAMIC
VDS = 24V, VGS = 0V
Qrr
Diode Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Diode Reverse Recovery Time
pF
STATIC
Drain-Source Breakdown Voltage
V
IF = 20A, dlF/dt = 100A / μS
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
LIMITS
VGS = 0V, ID = 250mA
VGS = 0V, VDS = 15V, f = 1MHz
Total Gate Charge
2
Qg(VGS=4.5V)
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
VDS = 15V , ID =20A
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
REV 1.0
2
2014-3-4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com