Electronic Components Datasheet Search
  English  ▼

X  

MCC225 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCC225
Description  Thyristor Modules Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC225 Datasheet(HTML) 1 Page - IXYS Corporation

  MCC225 Datasheet HTML 1Page - IXYS Corporation MCC225 Datasheet HTML 2Page - IXYS Corporation MCC225 Datasheet HTML 3Page - IXYS Corporation MCC225 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 IXYS All rights reserved
1 - 4
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1300
1200
MCC 225-12io1
MCD 225-12io1
1500
1400
MCC 225-14io1
MCD 225-14io1
1700
1600
MCC 225-16io1
MCD 225-16io1
1900
1800
MCC 225-18io1
MCD 225-18io1
Symbol
Test Conditions
Maximum Ratings
I
TRMS
T
VJ = TVJM
400
A
I
TAVM
T
C = 85°C; 180° sine
221
A
I
TSM, IFSM
T
VJ = 45°C;
t = 10 ms (50 Hz)
8000
A
V
R = 0
t = 8.3 ms (60 Hz)
8500
A
T
VJ = TVJM
t = 10 ms (50 Hz)
7000
A
V
R = 0
t = 8.3 ms (60 Hz)
7700
A
òi2dt
T
VJ = 45°C
t = 10 ms (50 Hz)
320 000
A2s
V
R = 0
t = 8.3 ms (60 Hz)
300 000
A2s
T
VJ = TVJM
t = 10 ms (50 Hz)
245 000
A2s
V
R = 0
t = 8.3 ms (60 Hz)
246 000
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 750 A
100
A/
ms
f =50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 1 A,
non repetitive, I
T = ITAVM
500
A/
ms
di
G/dt = 1 A/ms
(dv/dt)
cr
T
VJ = TVJM;
V
DR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
ms
120
W
I
T = ITAVM
t
P = 500 ms60
W
P
GAV
20
W
V
RGM
10
V
T
VJ
-40...+130
°C
T
VJM
130
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M6)
4.5-7/40-62 Nm/lb.in.
Terminal connection torque (M8)
11-13/97-115 Nm/lb.in.
Weight
Typical including screws
750
g
Features
q
International standard package
q
Direct copper bonded Al
2O3-ceramic
with copper base plate
q
Planar passivated chips
q
Isolation voltage 3600 V~
q
UL registered E 72873
q
Keyed gate/cathode twin pins
Applications
q
Motor control, softstarter
q
Power converter
q
Heat and temperature control for
industrial furnaces and chemical
processes
q
Lighting control
q
Solid state switches
Advantages
q
Simple mounting
q
Improved temperature and power
cycling
q
Reduced protection circuits
I
TRMS
= 2x 400 A
I
TAVM
= 2x 221 A
V
RRM = 1200-1800 V
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
MCC 225
MCD 225
Thyristor Modules
Thyristor/Diode Modules
1
2
3
76
5
4
MCD
MCC
36 7 1
5 4 2
31
5 4 2


Similar Part No. - MCC225

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC225-12IO1 IXYS-MCC225-12IO1 Datasheet
369Kb / 6P
Thyristor Module
MCC225-14IO1 IXYS-MCC225-14IO1 Datasheet
369Kb / 6P
Phase leg
MCC225-16IO1 IXYS-MCC225-16IO1 Datasheet
369Kb / 6P
Phase leg
MCC225-18IO1 IXYS-MCC225-18IO1 Datasheet
369Kb / 6P
Phase leg
More results

Similar Description - MCC225

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com