Electronic Components Datasheet Search
  English  ▼

X  

REF3440-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF3440-Q1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3440-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  REF3440-Q1 Datasheet HTML 1Page - Texas Instruments REF3440-Q1 Datasheet HTML 2Page - Texas Instruments REF3440-Q1 Datasheet HTML 3Page - Texas Instruments REF3440-Q1 Datasheet HTML 4Page - Texas Instruments REF3440-Q1 Datasheet HTML 5Page - Texas Instruments REF3440-Q1 Datasheet HTML 6Page - Texas Instruments REF3440-Q1 Datasheet HTML 7Page - Texas Instruments REF3440-Q1 Datasheet HTML 8Page - Texas Instruments REF3440-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series
Voltage References
1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• Initial accuracy: ±0.05% (maximum)
• Temperature coefficient : 6 ppm/°C (maximum)
• Operating temperature range: −40°C to +125°C
• Output voltage options: 2.5V, 3.0V, 3.3V, 4.096V,
5.0V
• Output current: ±10 mA
• Low quiescent current: 95 μA (maximum)
• Low shutdown mode current: 3 μA (maximum)
• Wide input voltage: 12 V
• Output 1/f noise (0.1 Hz to 10 Hz): 3.8 µVPP/V
• Excellent long-term stability 25 ppm/1000 hrs
• Available in 6-pin and 5-Pin SOT-23 package and
8-pin MSOP package
2 Applications
• Body control modules
• On board chargers
• Traction inverters
• Battery management systems
• Advanced driver assistance systems
3 Description
The REF34-Q1 devices are low-temperature-drift
(6 ppm/°C), low-power, high-precision CMOS voltage
references. The devices have ±0.05% initial accuracy
and low operating current with power consumption
less than 95 μA. These devices also offer very low
output noise of 3.8 µVPP/V, which enable the devices
to maintain high signal integrity with high-resolution
data converters and noise critical systems.
Stability and system reliability are further improved by
the low output-voltage hysteresis of these devices and
low long-term output voltage drift. Furthermore, the
small size and low operating current of the devices
(95 μA) make them an excellent choise for battery-
powered applications. The REF34-Q1 features an
enable pin that can set the device into shutdown
where it consumes a low stand by current (3 μA) to
help with overall system power during standby.
The REF34-Q1 family is specified for the wide
temperature range of −40°C to +125°C. Contact the
TI sales representative for additional voltage options.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
REF34xx-Q1
SOT-23 (6)
2.90 mm × 1.60 mm
REF34xxS-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
REF34xx-Q1
VSSOP (8)
4.00 mm × 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
REF3425-Q1
OUT
2.5V VREF
IN
GND
ADS7828-Q1
AIN0
AIN1
VREF+
VREF-
VDD
3V VDD
AIN2
AIN3
TDA2 (MCU)
I2C
3.3V VDD
I2C
GPIOx
VDD
Copyright © 2017, Texas Instruments Incorporated
EN
GPIO0
Simplified Schematic
Load Current (mA)
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
-10
-5
5
10
0
+25°C
-40°C
+125°C
drop
Dropout vs Current Load Over Temperature
www.ti.com
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: REF34-Q1
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF3440-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3440-Q1 TI1-REF3440-Q1 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3440-Q1 TI1-REF3440-Q1 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3440-Q1 TI1-REF3440-Q1 Datasheet
1Mb / 29P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3440-Q1 TI-REF3440-Q1 Datasheet
2Mb / 34P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3440-Q1 TI-REF3440-Q1 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
More results

Similar Description - REF3440-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3425 TI1-REF3425_17 Datasheet
1Mb / 26P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF3425-Q1 TI1-REF3425-Q1 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3425-Q1 TI1-REF3425-Q1_18 Datasheet
1Mb / 28P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI1-REF34-Q1 Datasheet
1Mb / 29P
Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF3425-EP TI1-REF3425-EP Datasheet
1Mb / 27P
Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF4132-Q1 TI1-REF4132-Q1 Datasheet
1Mb / 24P
REF4132-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF4132-Q1 TI1-REF4132-Q1_V01 Datasheet
1Mb / 24P
REF4132-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
REF34-Q1 TI-REF34-Q1_V01 Datasheet
2Mb / 34P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI-REF34-Q1_V03 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
REF34-Q1 TI-REF34-Q1_V04 Datasheet
4Mb / 38P
REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com