Electronic Components Datasheet Search
  English  ▼

X  

REF3430QDBVRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REF3430QDBVRQ1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3430QDBVRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3430QDBVRQ1 Datasheet HTML 2Page - Texas Instruments REF3430QDBVRQ1 Datasheet HTML 3Page - Texas Instruments REF3430QDBVRQ1 Datasheet HTML 4Page - Texas Instruments REF3430QDBVRQ1 Datasheet HTML 5Page - Texas Instruments REF3430QDBVRQ1 Datasheet HTML 6Page - Texas Instruments REF3430QDBVRQ1 Datasheet HTML 7Page - Texas Instruments REF3430QDBVRQ1 Datasheet HTML 8Page - Texas Instruments REF3430QDBVRQ1 Datasheet HTML 9Page - Texas Instruments REF3430QDBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
At VIN = VOUT + VDO, COUT = 10 µF, CIN = 0.1 µF, IL = 0 mA, minimum and maximum specifications at TA = –40℃ to 125℃;
Typical specifications at TA = 25℃ unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
VOUT
Output voltage
REF3425Q1
2.5
V
REF3430Q1
3.0
REF3433Q1
3.3
REF3440Q1
4.096
REF3450Q1
5.0
POWER SUPPLY
VIN
Input voltage
VOUT + V
DO
12
V
IL
Output current capacity VIN = VOUT + VDO to 12 V
–10
10
mA
IQ
Quiescent current
Active mode
72
95
µA
Shutdown mode (7)
2.5
3
VDO
Dropout voltage
IL = 0 mA
50
mV
IL = 0 mA
100
IL = 10 mA
500
VEN
ENABLE pin voltage (7)
Voltage reference in active mode (EN = 1)
1.6
V
Voltage reference in shutdown mode (EN = 0)
0.5
IEN
ENABLE pin leakage
current (7)
VEN = VIN = 12V
1
2
µA
ISC
Short circuit current
VOUT = 0 V at TA = 25°C
18
22
mA
(1)
Temperature drift is specified according to the box method. See Low Temperature Drift section for more details.
(2)
VDO for line regulation test is 50 mV.
(3)
VDO for load regulation test is 500 mV.
(4)
The peak-to-peak noise measurement is explained in more detail in section Noise Performance.
(5)
Long-term stability measurement procedure is explained in more detail in section Long–Term Stability.
(6)
Thermal hysteresis measurement procedure is explained in more detail in section Thermal Hysteresis.
(7)
Not applicable for REF34S device (DBV - 5 pin package)
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com