Electronic Components Datasheet Search
  English  ▼

X  

KBPC1504L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KBPC1504L
Description  IN - LINE SINGLE - PHASE SILICON BRIDGE RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 15.0 AMPERES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KBPC1504L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KBPC1504L Datasheet HTML 1Page - List of Unclassifed Manufacturers KBPC1504L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC15005L THRU KBPC1510L
IN - LINE SINGLE - PHASE SILICON BRIDGE RECTIFIER
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 15.0 AMPERES
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Surge overload rating - 300 amperes peak
Integrally molded heat-sink provide very low thermal
resistance for maximum heat dissipation.
Universal 3 way terminals: snap-on, wire wrap-around,
or P.C. board mounting.
Plastic package used has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering guaranteed:
O
260 C/10 seconds at 5lbs. (2.3kg) tension
Case: Molded plastic with heatsink integrally mounted
in the bridge encapsulation
Terminals: wire lead
50 mils.
Weight: 0.65 ounce, 18 grams
O
Ratings at 25 C ambient temperature unless otherwise specified
Sing phase half-wave 60HZ resistive or inductive load
For capacitive load, derate current by 20%
,
SYMBOL
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
Volts
Volts
Volts
UNITS
VDC
VRMS
VRRM
50
35
50
KBPC
15005L
100
70
100
KBPC
1501L
200
140
200
KBPC
1502L
400
280
400
KBPC
1504L
600
420
600
KBPC
1506L
800
560
800
KBPC
1508L
1000
700
1000
KBPC
1510L
Operating and Storage Temperature Range
Typical Thermal Resistance (NOTE 2)
Typical Junction Capacitance (NOTE 1)
2
I t
Rating for fusing (t < 8.3ms)
O
Maximum DC Reverse Current
TA = 25 C
O
at Rated DC Blocking Voltage
TA = 125 C
Maximum Instantaneous Forward Voltage
Drop Per Bridge Element at 7.5A
Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
Maximum Average Forward
O
TA = 55 C
Rectified Current
A
Volts
Amps
Amps
IR
IFSM
VF
I(AV)
10
500
1.2
300
15.0
TJ, TSTG
R JC
CJ
oC
oC/W
pF
-55 to + 150
6.3
300
2
As
375
NOTES:
1.
2. Thermal resistance from junction to case per bridge element
3.
Measured at 1.0MHz and applied reverse voltage of 4.0 volts
Bolt down on heatsink with silicon thermal compound between bridge and mounting surface
for maximum heat transfer efficiency with #10 screw
J
H
G
E
D
C
B
A
Dim
epoxy case
Metal heat sink
3.05
1.02
10.97
5.10
13.97
19.05
28.45
Min
Max
28.70
11.23
3.60
KBPC-L
All Dimensions in mm
AC
J
H
G
D
A
B
C
E
RS


Similar Part No. - KBPC1504L

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1504 WTE-KBPC1504 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC1504 SEMTECH-KBPC1504 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1504 SSE-KBPC1504 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC1504 CHENYI-KBPC1504 Datasheet
174Kb / 2P
SINGLE PHASE SILICON SINGLE PHASE SILICON
logo
Dc Components
KBPC1504 DCCOM-KBPC1504 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC1504L

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBP200 PANJIT-GBP200 Datasheet
39Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
GBP300 PANJIT-GBP300 Datasheet
40Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Rectron Semiconductor
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
MB3505 RECTRON-MB3505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
RS1501M RECTRON-RS1501M Datasheet
31Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RS801 RECTRON-RS801 Datasheet
26Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
KBJ15A DAESAN-KBJ15A Datasheet
183Kb / 2P
CURRENT 15.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC15005 DAESAN-KBPC15005 Datasheet
231Kb / 2P
CURRENT 15.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com