Electronic Components Datasheet Search
  English  ▼

X  

MDD220 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MDD220
Description  High Power Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDD220 Datasheet(HTML) 3 Page - IXYS Corporation

  MDD220 Datasheet HTML 1Page - IXYS Corporation MDD220 Datasheet HTML 2Page - IXYS Corporation MDD220 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2004 IXYS All rights reserved
3 - 3
MDD 220
IXYS reserves the right to change limits, test conditions and dimensions
Fig. 5 Three phase rectifier bridge:
Power dissipation versus direct
output current and ambient
temperature
Fig. 6 Transient thermal impedance
junction to case (per diode)
Fig. 7 Transient thermal impedance
junction to heatsink (per diode)
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
0.20
10-3
10-2
10-1
100
101
102
0.00
0.05
0.10
0.15
t
s
Z
thJK
K/W
t
s
Z
thJC
K/W
30°
DC
0
0
30°
DC
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.0035
0.0099
2
0.0165
0.168
3
0.1091
0.456
4
0.04
1.36
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.169
180
°
0.171
120
°
0.172
60
°
0.172
30
°
0.173
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.129
180
°
0.131
120
°
0.132
60
°
0.132
30
°
0.133
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.0035
0.0099
2
0.0165
0.168
3
0.1091
0.456



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com