Electronic Components Datasheet Search
  English  ▼

X  

159867 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 159867
Description  Dual piston rod cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

159867 Datasheet(HTML) 1 Page - Festo Corporation.

  159867 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dual piston rod cylinder
DPZ-16-10-P-A-S2
Part number: 159867
Data sheet
Feature
Value
Stroke
10 mm
Adjustable end position range/length
10 mm
Piston diameter
16 mm
Type code
DPZ
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Sliding guide
Design
Guide
Position sensing
For proximity sensor
Symbol
00991915
Variants
Through piston rod
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.15 J
Theoretical force at 6 bar, retracting
180 N
Theoretical force at 6 bar, advancing
180 N
Alternative connections
See product drawing
Pneumatic connection
M5
Cover material
Wrought aluminum alloy
Seals material
NBR
Housing material
Wrought aluminum alloy
Piston rod material
High-alloy stainless steel
11/9/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 159867

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1598678 PHOENIX-1598678 Datasheet
269Kb / 3P
Coupler connector - RC-12S1N129006
More results

Similar Description - 159867

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DPZ-10-25-P-A-KF FESTO-DPZ-10-25-P-A-KF Datasheet
96Kb / 1P
Dual piston rod cylinder
DPZ-10-25-P-A-KF-S2 FESTO-DPZ-10-25-P-A-KF-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-10-25-P-A-S2 FESTO-DPZ-10-25-P-A-S2 Datasheet
88Kb / 1P
Dual piston rod cylinder
DPZ-10-40-P-A-S2 FESTO-DPZ-10-40-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-10-50-P-A-S2 FESTO-DPZ-10-50-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-10-P-A-KF FESTO-DPZ-16-10-P-A-KF Datasheet
95Kb / 1P
Dual piston rod cylinder
DPZ-16-25-P-A-S2 FESTO-DPZ-16-25-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-50-P-A-KF-S2 FESTO-DPZ-16-50-P-A-KF-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-20-10-P-A-KF-S2 FESTO-DPZ-20-10-P-A-KF-S2 Datasheet
88Kb / 1P
Dual piston rod cylinder
DPZ-32-10-P-A FESTO-DPZ-32-10-P-A Datasheet
94Kb / 1P
Dual piston rod cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com