Electronic Components Datasheet Search
  English  ▼

X  

SN74LS192N Datasheet(PDF) 7 Page - ON Semiconductor

Part # SN74LS192N
Description  PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS192N Datasheet(HTML) 7 Page - ON Semiconductor

  SN74LS192N Datasheet HTML 1Page - ON Semiconductor SN74LS192N Datasheet HTML 2Page - ON Semiconductor SN74LS192N Datasheet HTML 3Page - ON Semiconductor SN74LS192N Datasheet HTML 4Page - ON Semiconductor SN74LS192N Datasheet HTML 5Page - ON Semiconductor SN74LS192N Datasheet HTML 6Page - ON Semiconductor SN74LS192N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
5-7
FAST AND LS TTL DATA
SN54/74LS192
• SN54/74LS193
AC WAVEFORMS
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7
1.3 V
CPU or CPD
CPU or CPD
CPU or CPD
Q
Q
Q
tw
CPU or CPD
TCU or TCD
PL
PL
Pn
Qn
MR
tPHL
tPLH
tPLH
Pn
Qn
NOTE: PL = LOW
tW
tPHL
Pn
PL
Qn
ts(H)
ts(L)
th(H)
th(L)
* The shaded areas indicate when the input is permitted
* to change for predictable output performance
Q = P
Q = P
tPLH
trec
tPLH
tPHL
tPHL
tW
tPHL
tPHL
tW
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
trec



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com