Electronic Components Datasheet Search
  English  ▼

X  

85HS Datasheet(PDF) 1 Page - promoco-motors.com

Part # 85HS
Description  Hybrid Stepper Motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROMOCO [promoco-motors.com]
Direct Link  http://www.promoco-motors.com/index.php
Logo PROMOCO - promoco-motors.com

85HS Datasheet(HTML) 1 Page - promoco-motors.com

  85HS Datasheet HTML 1Page - promoco-motors.com 85HS Datasheet HTML 2Page - promoco-motors.com  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hybrid Stepper Motor
The specifications are believed to be accurate and
reliable. However, the suitability has to be determined
for a specific application. Specifications are subject to
change without notice.
85HS Series
General Specifications
Customized solutions on request.
Electrical Specifications
Model
Step
Angle
Motor
Length
Rate
Voltage
Rate
Current
Phase
Resistance
Phase
Inductance
Holding
Torque
Rotor
Inertia
Lead
Wire
Motor
Weight
°
L (mm)
V
A
Ω
mH
mNm
kgcm2
NO.
kg
85HS68-1404-xx
1.8
68
5.6
1.4
4
24
2800
1
4
1.8
85HS68-4004-xx
1.8
68
2.4
4
0.6
2.8
2800
1
4
1.8
85HS80-4208-001
1.8
80
4.6
2.97
1.55
6.76
3200
1.4
8
2.3
85HS80-5504-001
1.8
80
2.2
5.5
0.4
3.5
4500
1.4
4
2.3
85HS97-3008-001
1.8
97
4.8
3
1.6
8
5000
1.8
8
2.8
85HS97-4006-001
1.8
97
3.4
4
0.85
5
4400
1.8
6
2.8
85HS116-4208-001
1.8
116
5
4.2
1.2
6.5
6000
2.7
8
3.6
85HS116-5004-001
1.8
116
5
5
1
11
8500
2.7
4
3.6
85HS126-6404A-xx
1.8
126
1.8
6.4
0.28
2.85
7000
3
4
3.8
85HS126-4008-001
1.8
126
6
4
1.5
8
6800
3
8
3.8
85HS131-7004-xx
1.8
131
2.8
7
0.4
4
9000
3.3
4
4.2
85HS131-3004-xx
1.8
131
5.1
3
1.7
18
9000
3.3
4
4.2
Mechanical Dimensions
Wiring Diagram
4 Leads Parallel
4 Leads Series
8 Leads
Step Accuracy
± 5%
Temperature Rise
80°C Max
Ambient Temperature Range
-20°C ~ +50°C
Insulation Resistance
100 MΩ Min. 500 VDC
Dielectric Strength
500 VAC 1 minute


Similar Part No. - 85HS

ManufacturerPart #DatasheetDescription
logo
VECTOR ELECTRONICS AND ...
85H48WE VECTOR-85H48WE Datasheet
1Mb / 1P
Vectorbord®
85H85WE VECTOR-85H85WE Datasheet
1Mb / 1P
Vectorbord®
logo
Naina Semiconductor ltd...
85HF NAINA-85HF Datasheet
78Kb / 1P
SILICON POWER DIODE
logo
International Rectifier
85HF IRF-85HF Datasheet
119Kb / 8P
STANDARD RECOVERY DIODES
logo
New Jersey Semi-Conduct...
85HF NJSEMI-85HF Datasheet
116Kb / 4P
STANDARD RECOVERY DIODES
More results

Similar Description - 85HS

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
39BYG PROMOCO-39BYG Datasheet
326Kb / 1P
Hybrid Stepper Motor
57BYG PROMOCO-57BYG Datasheet
744Kb / 3P
Hybrid Stepper Motor
57HN41-001A PROMOCO-57HN41-001A Datasheet
529Kb / 2P
Hybrid Stepper Motor
85BYGH PROMOCO-85BYGH Datasheet
546Kb / 2P
Hybrid Stepper Motor
logo
Lin Eng. Inc.
208-17-01 LINENGINEERING-208-17-01 Datasheet
1Mb / 4P
HYBRID STEPPER MOTOR
3518X-04 LINENGINEERING-3518X-04 Datasheet
783Kb / 4P
HYBRID STEPPER MOTOR
3518X-08 LINENGINEERING-3518X-08 Datasheet
786Kb / 4P
HYBRID STEPPER MOTOR
3709V-03 LINENGINEERING-3709V-03 Datasheet
1Mb / 6P
HYBRID STEPPER MOTOR
X208-030-02 LINENGINEERING-X208-030-02 Datasheet
1Mb / 4P
HYBRID STEPPER MOTOR
logo
Ningbo Leison Motor Co....
LS-17HM NINGBO-LS-17HM Datasheet
588Kb / 1P
Hybrid Stepper Motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com