Electronic Components Datasheet Search
  English  ▼

X  

PE614DX Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PE614DX
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PE614DX Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PE614DX Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PE614DX Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PE614DX Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PE614DX Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PE614DX Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PE614DX
Dual N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
20
0.35
0.67
1
30
1
10
8.5
10
12.5
8.7
10.2
13.7
10
11.5
15
12.7
14.2
20.2
35
S
1105
198
169
17
15
1.4
5
22
34
51
17
14.8
A
1.2
V
14
nS
5.4
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 7A.
VDS = 5V, ID = 3A
TEST CONDITIONS
VGS = 2.5V, ID = 3A
UNITS
gfs
Gate-Body Leakage
VGS(th)
VGS =4.5V, ID =3A
mA
VGS = 3.9V, ID = 3A
LIMITS
Drain-Source Breakdown Voltage
V
pF
Gate-Source Charge
2
Reverse Transfer Capacitance
Qg(VGS = 4.5V)
Input Capacitance
Total Gate Charge
2
Qg(VGS = 3.9V)
Ciss
VGS = 0V, VDS = 10V, f = 1MHz
Output Capacitance
VDS =10V,ID = 3A
Qgs
SYMBOL
VDS =16V, VGS = 0V
VGS = 1.8V, ID = 3A
Forward Transconductance
1
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
tf
VSD
IS
trr
Fall Time
2
td(on)
td(off)
Drain-Source On-State
Resistance
1
RDS(ON)
tr
Turn-On Delay Time
2
Rise Time
2
DYNAMIC
nS
VDS = VGS, ID = 250mA
VGS = 0V, ID = 250mA
nC
Qgd
IF = 3A, dlF/dt = 100A / μS,
VGS = 0V
VDS = 0V, VGS = ±8V
IDSS
Coss
Crss
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
mΩ
IF = 3A, VGS = 0V
Gate-Drain Charge
2
VDD = 10V,
ID @ 3A, VGS = 4.5V, RGEN = 6Ω
Turn-Off Delay Time
2
Gate Threshold Voltage
PARAMETER
Zero Gate Voltage Drain Current
IGSS
V(BR)DSS
STATIC
VDS =10V, VGS = 0V, TJ = 125°C
REV 1.2
2
2014/6/24



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com