Electronic Components Datasheet Search
  English  ▼

X  

PE600BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PE600BA
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PE600BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PE600BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PE600BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PE600BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PE600BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PE600BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PE600BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PE600BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PE600BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PE600BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
30
1.3
1.75
2.3
±100
nA
1
10
10.2
14
7.8
9.8
35
S
620
108
77
2.5
Ω
14
8
2
3.8
13
37
48
25
16
A
1.1
V
12
nS
3
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 16A.
VDS = VGS, ID = 250mA
VGS = 0V, ID = 250mA
UNITS
Gate-Body Leakage
VGS(th)
V(BR)DSS
IF = 9A, dlF/dt = 100A / mS
Coss
Drain-Source Breakdown
Voltage
V
VGS = 10V , ID =9A
nC
Qgs
mA
DYNAMIC
mΩ
VDS = 24V, VGS = 0V
VGS = 4.5V, ID = 9A
Zero Gate Voltage Drain
Current
Gate Resistance
Rg
Qrr
Reverse Recovery Charge
Continuous Current
3
Forward Voltage
1
Reverse Recovery Time
IS
VSD
trr
IF = 9A, VGS = 0V
nS
VDD= 15V,
ID @ 9A, VGEN = 10V, RG= 6Ω
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
td(on)
tr
td(off)
tf
Turn-On Delay Time
2
Turn-Off Delay Time
2
Fall Time
2
VDS = 15V , ID = 9A
VGS = 0V, VDS = 15V, f = 1MHz
Qgd
Forward Transconductance
1
VDS = 10V, ID = 9A
RDS(ON)
Rise Time
2
VGS = 0V, VDS = 0V, f = 1MHz
VDS = 0V, VGS = ±20V
gfs
Qg(VGS=4.5V)
Crss
Output Capacitance
Drain-Source On-State
Resistance
1
STATIC
TEST CONDITIONS
LIMITS
IDSS
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Total Gate Charge
2
Qg(VGS=10V)
Input Capacitance
Gate Threshold Voltage
PARAMETER
IGSS
Ciss
VDS = 20V, VGS = 0V, TJ =55 °C
SYMBOL
pF
REV 1.2
2
2018/4/28



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com