Electronic Components Datasheet Search
  English  ▼

X  

SC648S Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SC648S
Description  Voltage Rating 10 to 48 VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SC648S Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SC648S Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
12
Current Draw
38-80mA
Duty Cycle (%)
50
-40° to +85° C
6/6 Nylon, Color: Black
Housing Material
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
-30° to +65° C
Storage Temperature
Operating Temperature
Panel Mounting
SC648S
F
Mallory Sonalert Products, Inc.
Sales Outline Drawing
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
Used to attach part to panel. The max recommended torque is 10 in-lbs.
2.1 oz (60g)
Options
Knurled Nut
Dimensions:
cUL Recognized
Inches (mm)
NEMA 3R,4X, & 12
Please contact factory.
Weight (Typical)
Approved with use of ACC03.
80 to 91 dB(A) Typ.
Loudness @ Min Vdc
80 dB(A) @ 2 Feet and 48 Vdc
Loudness @ Max Vdc
90 dB(A) @ 2 Feet and 10 Vdc
Frequency
Specifications:
Loud
10 to 48 VDC
Voltage Rating
Sound Level Category
Mode of Operation
Siren Sweep Up & Down @ 0.2 seconds @ 3.5 to 6.5 per sec
1900 ± 300 to 2900 ± 300 Hz
Loudness @ 2 FT


Similar Part No. - SC648S

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC648ADJR MSPI-SC648ADJR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VAC/DC
SC648ADPR MSPI-SC648ADPR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VAC/DC
SC648ADR MSPI-SC648ADR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VAC/DC
SC648AER MSPI-SC648AER Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VAC/DC
SC648AHR MSPI-SC648AHR Datasheet
52Kb / 1P
Sales Outline Drawing
More results

Similar Description - SC648S

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC648CPNR MSPI-SC648CPNR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VDC
SC648DR MSPI-SC648DR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VDC
SC648HR MSPI-SC648HR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VDC
SC648NDR MSPI-SC648NDR Datasheet
53Kb / 1P
Voltage Rating 12 to 48 VDC
SC648R MSPI-SC648R Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VDC
SCE048LD3ED5B MSPI-SCE048LD3ED5B Datasheet
54Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048LD3PS1B MSPI-SCE048LD3PS1B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048LD3SV1B MSPI-SCE048LD3SV1B Datasheet
54Kb / 1P
Voltage Rating 28 to 48 VDC
SC648M MSPI-SC648M Datasheet
55Kb / 1P
Voltage Rating 10 to 48 VDC
SC648MD MSPI-SC648MD Datasheet
55Kb / 1P
Voltage Rating 10 to 48 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com