Electronic Components Datasheet Search
  English  ▼

X  

OMR9604SC Datasheet(PDF) 2 Page - International Rectifier

Part # OMR9604SC
Description  1 M Rad(Si) Ultra Low Dropout Positive Adjustable Linear Regulator Hermetic Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR9604SC Datasheet(HTML) 2 Page - International Rectifier

  OMR9604SC Datasheet HTML 1Page - International Rectifier OMR9604SC Datasheet HTML 2Page - International Rectifier OMR9604SC Datasheet HTML 3Page - International Rectifier OMR9604SC Datasheet HTML 4Page - International Rectifier OMR9604SC Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.irf.com
OMR9604SC, OMR9604SF
Electrical Characteristics @ TA= 25°C (Unless Otherwise Specified)
Electrical Characteristics TA= -55 to +125°C
Shutdown
Vin
Vout
Ground
Drive
Gnd
Adjust
Parameter
Conditions
Symbol
Min.
Typ.
Max
Unit
Input Voltage Range-
Operating
Io= 3.0A
Vin
2.9
6.5
V
Reference Voltage
Vref
1.252
1.265
1.278
V
3.13
≤ Vin ≤ 3.46, Io= 3.0A
-100
+100
mV
2.9
≤ Vin ≤ 3.8, Io= 50mA
-5
+5
mV
Vin= 3.3V
10ma
≤ Iout ≤ 3.0A
Dropout Voltage
Io= 3.0A. Vout= 2.5V
Vdrop
0.4
V
Current Limit
Vin= 3.3V, Overcurrent Latchup
Ilatch
3.0
A
Ripple Rejection
F= 120 Hz., Vout= Vref
65
dB
Shutdown Source Current
Vshdn= 5V
Ishdn
200
uA
Shutdown Pin Threshold
Isource= 200uA
Vshdn
1.0
1.6
V
Vin= 3.3V, Io= 50mA,
Shdn= +5.0V
Line Regulation
Vline
Load Regulation
Vload
-20
+20
mV
Output Voltage at
Shutdown
Vout
(shdn)
-0.1
+0.1
V
Simplified Schematic
Parameter
Conditions
Symbol
Min.
Typ.
Max
Unit
Input Voltage Range-
Io= 3.0A
Vin
2.9
6.5
V
Reference Voltage
Vref
1.225
1.265
1.305
V
3.13
≤ Vin ≤ 3.46, Io= 3.0A
-150
+150
mV
2.9
≤ Vin ≤ 3.8, Io= 50mA
-150
+150
mV
Vin= 3.3V
10ma
≤ Iout ≤ 3.0A
Dropout Voltage
Io= 3.0A. Vout= 2.5V
Vdrop
0.4
V
Current Limit
Vin= 3.3V, Overcurrent Latchup
Ilatch
3.0
A
Ripple Rejection
F= 120 Hz., Vout= Vref
65
dB
Shutdown Source Current
Vshdn= 5V
Ishdn
200
uA
Shutdown Pin Threshold
Isource= 200uA
Vshdn
1.0
1.6
V
Vin= 3.3V, Io= 50mA,
Shdn= +5.0V
Line Regulation
Vline
Load Regulation
Vload
-150
+150
mV
Output Voltage at Shutdown
Vout
(shdn)
-0.1
0.1
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com