Electronic Components Datasheet Search
  English  ▼

X  

CHB50W Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CHB50W
Description  33 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CHB50W Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CHB50W Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CHB50W Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V26
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENRAL SPECIFICATIONS:
Input Voltage Range....………………........ 24V ….............. 9 – 36V
Efficiency
.................…....................................…..........…....... See Table
48V .................. 18
– 75V
Isolation Voltage ... Input/Output, Input/Case, Output/Case ... 1500VDC min.
Input Surge Voltage (100ms max.)
……....… 24V ……......... 50Vdc max.
Isolation R
esistance .............................…..…................…….... 107 ohm min.
48V .............. 100Vdc max.
Isolation Capacitance
…………………..………………...…..…… 1000pF typ.
Under Voltage Lockout:
Switching Frequency ........…………..........................….……... 300KHz typ.
24Vin .
……… power up ……... 8.8V, power down …….. 8V
Operating Case Temperature ..………......….....….…........ -40℃ to 100℃
48Vin ….…… power up …...…. 17V, power down …… 16V
Storage Temperature ………………....…....……............... -55℃ to +105℃
Positive Logic Remote On/Off (note3&4)
Thermal Shutdown Ca
se Temp. .…………………..……...……. 100℃ typ.
Input Filter ………………………………………………..………... Pi Type
Humidity ...................................................... 95% RH max. Non condensing
OUTPUT SPECIFICATIONS:
MTBF
………. MIL-HDBK-217F, GB, 25℃, Full Load …..…… 1000Khrs typ.
Voltage Accuracy (note7)
…............................……...........
1.0% max.
Dimensions .....................
…... 2.28x2.40x0.50 inches (57.9x61.0x12.7 mm)
Transient Response: 25
% Step Load Change .…………….…… <500μs
Case Material ............................
..........………….……………….. Aluminum
External Trim Adj. Range ……………………………………………
10%
Weight
…………….…………..…………………….……………………… 94g
Ripple & Noise, 20MHz BW (note5)
NOTE:
3.3V&5V ….……. 40mV RMS max., 100mV pk-pk max.
1. Measured from high line to low line.
12V&15V …….… 60mV RMS max., 150mV pk-pk max.
2. Measured from full load to zero load.
24V ………..…... 100mV RMS max., 240mV pk-pk max.
3. Logic c
ompatibility …..…. open collector ref to -input
28V
……..…...… 100mV RMS max., 280mV pk-pk max.
Module on
………….…….……... >3.5VDC to 75VDC or open circuit
48V
…………..... 200mV RMS max., 480mV pk-pk max.
Module off
…………………….……………………..….. 0 to <0.8VDC
Temperature Coefficient ..............
......………..................
0.03%/C max.
4. Suffix "N" to the model number with negative logic remote on/off.
Short Circuit Protection
.........………………........................... Continuous
Module on
………………….………………..….……….. 0 to <0.8VDC
Line Regulation (note1&7
) ……........................................….
0.2% max.
Module off
…………..............…. >3.5VDC to 75VDC or open circuit
Load Regulation (note2&7
) ……............…............................
0.2% max.
5. Output ripple and noise measured with 10uF tantalum and 1uF ceramic
Over Voltage Protection Trip Range, % Vo nom. .................. 115-140%
capacitor across output. (48V: 1uF ceramic cap. only)
Current Limit .................……………….... 110% -160% Nominal Output
6. Suff
ix “-C” to the model number with clear mounting insert (3.2mm DIA.)
Start up Time
……………………………….…………………..…... 5ms typ.
7. Require a 47uF aluminum capacitor connected between +Vout and
–Vout
for 48Vout models.
6
Trim
+Sense
+V Output
9
7
8
2*R1.50
BOTTOM VIEW
M3*0.5 Through 4pl.
Function
On/Off
CASE
-V Input
-V Output
-Sense
+V Input
3
4
5
Pin
1
2
Mounting Inserts
Millimeters: X.X= ±0.5 , X.XX=±0.25
All Dimensions In Inches(mm)
CASE HB
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
2.28
[57.9]
1.90
[48.3]
0.50
[12.7]
0.18
[4.6]
min.
REMOTE ON/OFF CONTROL
ON/OFF (2)
-VIN (4)
HIGH SIGNAL HERE
DISABLE OUTPUT
EXTERNAL OUTPUT TRIM
+SENSE (8)
TRIM (7)
-SENSE (6)
TRIM UP
TRIM DOWN
+SENSE (8)
TRIM (7)
-SENSE (6)
10K ohms
TRIMPOT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com