Electronic Components Datasheet Search
  English  ▼

X  

SI7212DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7212DN
Description  Dual N-Channel 30-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7212DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7212DN Datasheet HTML 1Page - Vishay Siliconix SI7212DN Datasheet HTML 2Page - Vishay Siliconix SI7212DN Datasheet HTML 3Page - Vishay Siliconix SI7212DN Datasheet HTML 4Page - Vishay Siliconix SI7212DN Datasheet HTML 5Page - Vishay Siliconix SI7212DN Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si7212DN
Vishay Siliconix
www.vishay.com
2
Document Number: 73128
S-51128—Rev. B, 13-Jun-05
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
1.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 6.8 A
0.030
0.036
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 6.6 A
0.032
0.039
W
Forward Transconductancea
gfs
VDS = 10 V, ID = 6.8 A
20
S
Diode Forward Voltagea
VSD
IS = 2.2 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
7
11
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 4.5 V, ID = 6.8 A
2
nC
Gate-Drain Charge
Qgd
DS
GS
D
1.7
Gate Resistance
Rg
f = 1 MHz
1.5
3.0
4.5
W
Turn-On Delay Time
td(on)
10
15
Rise Time
tr
VDD = 15 V, RL = 15 W
12
20
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, Rg = 6 W
30
45
ns
Fall Time
tf
g
10
15
Source-Drain Reverse Recovery Time
trr
IF = 2.2 A, di/dt = 100 A/ms
15
30
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 thru 3 V
TC = 125_C
−55_C
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
2 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com