Electronic Components Datasheet Search
  English  ▼

X  

86BLF02 Datasheet(PDF) 1 Page - promoco-motors.com

Part # 86BLF02
Description  Brushless DC Motor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROMOCO [promoco-motors.com]
Direct Link  http://www.promoco-motors.com/index.php
Logo PROMOCO - promoco-motors.com

86BLF02 Datasheet(HTML) 1 Page - promoco-motors.com

  86BLF02 Datasheet HTML 1Page - promoco-motors.com  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Brushless DC Motor
The specifications are believed to be accurate and
reliable. However, the suitability has to be determined
for a specific application. Specifications are subject to
change without notice.
86BLF Series
General Specifications
Customized solutions on request.
Electrical Specifications
Model
86BLF01
86BLF02
86BLF03
86BLF04
86BLF06
86BLF07
Number of Poles
8
8
8
8
8
8
Number of Phases
3
3
3
3
3
3
Rated Voltage
VDC
48
48
48
48
48
48
Rated speed
RPM
3000
3000
3000
3000
3000
3000
Rated Torque
Nm
1.4
1.05
0.7
0.35
1.8
2.1
Rated Current
A
14
9.6
6.6
3.9
18
22
Output Power
W
440
330
220
110
550
660
Peak Torque
Nm
4.2
3.2
2.1
1.05
5.4
6.3
Peak Current
A
38.0
29.0
19.8
10.8
46
55
Torque constant
Nm/A
0.115
0.115
0.112
0.11
0.115
0.116
Back EMF
V/KRPM
12.0
12.0
11.8
11.5
12.0
12.2
Rotor inertia
gcm2
1250
950
650
350
1550
1850
Body Length
mm
94
81
67
57
109
124
Mass
kg
2.75
2.2
1.75
1.1
2.75
2.75
Caution: Peak Torque is provided for the purpose of performance calculations only.
Operating near, or at this condition can result in motor damage.
Mechanical Dimensions
Connection diagram
Hall Sensor Cable
Wiring Cable
Note: Hall Sensor Power Supply voltage +5 to +20 VDC
Winding Type
Star
Hall Effect Angle
120°C Electrical Angle
Insulation Class
B
Ambient Temperature Range
-20°C ~ +50°C
Insulation Resistance
100 MΩ Min. 500 VDC
Dielectric Strength
750 VAC 1 minute


Similar Part No. - 86BLF02

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
86BLF02PAG PROMOCO-86BLF02PAG Datasheet
1Mb / 3P
Brushless DC Gearmotor
More results

Similar Description - 86BLF02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB59C024035-A ETC-DB59C024035-A Datasheet
100Kb / 1P
brushless dc motor
DB59M024035-A ETC-DB59M024035-A Datasheet
100Kb / 1P
Brushless Dc motor
DF45L024048-A2 ETC-DF45L024048-A2 Datasheet
139Kb / 1P
Brushless Dc Motor
logo
STEPPERONLINE
36BLR45-12-01 STEPPERONLINE-36BLR45-12-01 Datasheet
109Kb / 1P
Brushless DC Motor
36BLR55-24-01 STEPPERONLINE-36BLR55-24-01 Datasheet
108Kb / 1P
Brushless DC Motor
42BLR53-12-01 STEPPERONLINE-42BLR53-12-01 Datasheet
109Kb / 1P
Brushless DC Motor
42BLS47-24-01 STEPPERONLINE-42BLS47-24-01 Datasheet
119Kb / 1P
Brushless DC Motor
logo
promoco-motors.com
33BL PROMOCO-33BL Datasheet
303Kb / 1P
Brushless DC Motor
42BLY PROMOCO-42BLY Datasheet
553Kb / 2P
Brushless DC Motor
57BID01-12 PROMOCO-57BID01-12 Datasheet
322Kb / 1P
Brushless DC Motor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com