Electronic Components Datasheet Search
  English  ▼

X  

TDA9965 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9965
Description  12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9965 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9965 Datasheet HTML 1Page - NXP Semiconductors TDA9965 Datasheet HTML 2Page - NXP Semiconductors TDA9965 Datasheet HTML 3Page - NXP Semiconductors TDA9965 Datasheet HTML 4Page - NXP Semiconductors TDA9965 Datasheet HTML 5Page - NXP Semiconductors TDA9965 Datasheet HTML 6Page - NXP Semiconductors TDA9965 Datasheet HTML 7Page - NXP Semiconductors TDA9965 Datasheet HTML 8Page - NXP Semiconductors TDA9965 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
FCE424
REGULATOR
12-BIT ADC
CLAMP
CLAMP
SERIAL
INTERFACE
OUTPUT
BUFFER
7
6
9
8
10
11
14
13
15
16
17
18
20
21
22
23
19
24
25
26
27
28
29
30
31
32
33
34
35
37
38
39
40
41
42
43
44
45
48
46
47
DGND2
AGND4
IN
SHD
SHP
CLPADC
CLPOB
CLKADC
DGND1
VCCD2
D8
D7
D6
VCCO2
OGND2
VCCO1
OGND1
D5
D4
D3
D2
REGEN
SEN
D1
D0
SCLK
SDATA
DEC
REF32
VRT
VRB
VCCA3
AGND3
ADCIN
Vref
VCCA1
VCCA2
AGND2
TDA9965
36
D9
D11
STDBY
VCCD1
D10
1
3
4
5
2
AGND5
AGND1
12
n.c.
STGE
PGAOUT
REF = 3.2 V
10
12
TRACK AND HOLD
CLOCK
4-BIT DAC
10-BIT DAC
PGA
INIT-ON-
POWER
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com