Electronic Components Datasheet Search
  English  ▼

X  

162017 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 162017
Description  Dual piston rod cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

162017 Datasheet(HTML) 1 Page - Festo Corporation.

  162017 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dual piston rod cylinder
DPZJ-10-25-P-A-KF-S2
Part number: 162017
Data sheet
Feature
Value
Stroke
25 mm
Adjustable end position range/length
10 mm
Piston diameter
10 mm
Type code
DPZJ
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Recirculating ball bearing guide
Design
Guide
Position sensing
For proximity sensor
Symbol
00991243
Variants
Through piston rod
Operating pressure
2.5 bar ... 10 bar
Max. speed
1 m/s
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.08 J
Theoretical force at 6 bar, retracting
60 N
Theoretical force at 6 bar, advancing
60 N
Alternative connections
See product drawing
Pneumatic connection
M5
Cover material
Wrought aluminum alloy
Seals material
NBR
Housing material
Wrought aluminum alloy
Piston rod material
Case-hardened steel
11/11/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 162017

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1620170 TURCK-1620170 Datasheet
109Kb / 2P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1620171 PHOENIX-1620171 Datasheet
64Kb / 4P
Coupler connector - CA-06P1N1290DN
1620172 PHOENIX-1620172 Datasheet
63Kb / 4P
Coupler connector - CA-06S1N1290DN
1620173 PHOENIX-1620173 Datasheet
250Kb / 6P
Cable connector - CA-19P1N12T008
1620174 PHOENIX-1620174 Datasheet
242Kb / 6P
Cable connector - CA-19S1N12T008
More results

Similar Description - 162017

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DPZ-10-25-P-A-KF FESTO-DPZ-10-25-P-A-KF Datasheet
96Kb / 1P
Dual piston rod cylinder
DPZ-10-25-P-A-KF-S2 FESTO-DPZ-10-25-P-A-KF-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-10-25-P-A-S2 FESTO-DPZ-10-25-P-A-S2 Datasheet
88Kb / 1P
Dual piston rod cylinder
DPZ-10-40-P-A-S2 FESTO-DPZ-10-40-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-10-50-P-A-S2 FESTO-DPZ-10-50-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-10-P-A-KF FESTO-DPZ-16-10-P-A-KF Datasheet
95Kb / 1P
Dual piston rod cylinder
DPZ-16-10-P-A-S2 FESTO-DPZ-16-10-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-25-P-A-S2 FESTO-DPZ-16-25-P-A-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-16-50-P-A-KF-S2 FESTO-DPZ-16-50-P-A-KF-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
DPZ-20-10-P-A-KF-S2 FESTO-DPZ-20-10-P-A-KF-S2 Datasheet
88Kb / 1P
Dual piston rod cylinder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com