Electronic Components Datasheet Search
  English  ▼

X  

EC3SBW Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC3SBW
Description  15 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3SBW Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC3SBW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3SBW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V15
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………...............………. 24V ................... 9 – 36V
Efficiency ...........................................………….………............ See Table
48V ……..….... 18 – 75V
Isolation Voltage .................................……………......... 1500 VDC min.
Input Surge Voltage (100ms max.) ……….……...… 24V …........ 50Vdc max.
Isolation Resistance .....................…….…………………… 10
9 ohm min.
48V .......... 100Vdc max.
Isolation Capacitance ………………..…………..…………..… 1000pF typ.
Under voltage lockout …………….. 24Vin power up ….…….….……. 8.8V typ.
Switching Frequency ............................……......................... 400KHz typ.
24Vin power down …….….……. 8.0V typ.
Operating Ambient Temperature Range ......…...…….... -40
to +85
℃
℃
48Vin power up ………..…….….. 17V typ.
Derating, Above 68℃ (note6) ……..…. Linearly to Zero Power at +105℃
48Vin power down ….……....... 16V typ.
Case Temperature (note4) ………………………………………….. 105℃
Input Filter ………………………………..………………..……………. LC Type
Cooling ………………………………………………… Natural Convection
Positive Logic Remote on/off Control:
Storage Temperature Range ...……..........……....…....... -55
to +125
℃
℃
Logic Compatibility ……….… CMOS or Open Collector TTL, Ref. to -Vin
Humidity .................................................. 95% RH max. Non condensing
Module On …………………….………… >+3.5 to 75VDC or Open Circuit
MTBF .. MIL-HDBK-217F, GB, 25
, Full Load
℃
.. S33/S05 .. 950Khrs typ.
Module Off …………………………..………….……………. 0 to <1.2VDC
Others ... 1300Khrs typ.
OUTPUT SPECIFICATIONS:
Dimensions ...................... 1.00x1.00x0.40 inches (25.4x25.4x10.2 mm)
Voltage Accuracy ………………....……………….......…………… ±1.5% max.
Case Material ……… Black Coated Copper with Non-Conductive Base
Voltage Balance (Dual) …….…………………………………….…. ±2.0% max.
Weight ………………………………………………………………….. 18g
Transient Response: 75% - 100% Step Load Change.
NOTE:
Error Band …… ±5% Vout nominal, Recovery Time ……..….. <250us
1. Measured from high line to low line.
Ripple & Noise, 20MHz BW (note3)
2. Measured from full load to min. load.
Vo=3.3 & 5V ………...… 75mV p-p max.
3. The output ripple and noise is measured with 10uF tantalum and 1uF
Vo=12 & 15V ………….. 100mV p-p max.
ceramic capacitor across output.
Temperature Coefficient ....................….………...……………….. ±0.03%/℃
4. Maximum case temperature under any operating condition should
Short Circuit Protection ...................…....…………………..……….. Continuous
not be exceeded 105
.
℃
Line Regulation (note1) ………… Single …..……...…………. ±0.2% max.
5. Suffix”+K-C087” type with heat sink.
Dual ..……….…...............…. ±0.5% max.
6. Others model refer to application note.
Load Regulation (note2) …..…… Single …………..…………. ±0.2% max.
Dual ..…........................…. ±1.0% max.
Cross Regulation (Dual output) Load cross variation 10%/100% …. ±5% max.
Over Voltage Protection ……………………….………… Zener or TVS Clamp
External Trim Adj. Range (single output models only) …..………….. ±10%
Current Limit ……………………………………. 110% - 170% Nominal Output
Start up time …………………………………….………………..…... 20ms max.
SIZE SB Dimensions:
BOTTOM
VIEW
1
2
5
4
3
1.00
[25.4]
0.400
[10.16]
0.400
[10.16]
0.40
[10.2]
0.200
[5.08]
0.40
[10.2]
0.22
[5.6]
min.
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
All Dimensions In Inches (mm)
6
0.300
[7.62]
PIN CONNECTION
Pin
1
2
3
4
5
+Input
-Input
+V Output
Trim
-V Output
DIP Function
6
Remote
Single
Dual
+Input
-Input
+V Output
Common
-V Output
Remote
NOTE:Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
0.300
[7.60]
0.200
[5.10]
1.00
[25.4]
0.40
[10.2]
0.40
[10.2]
0.40
[10.2]
0.10
[2.5]
BOTTOM
VIEW
3
4
5
6
2
1
0.22
[5.6]
0.81
[20.5]
Suffix "+K-C087" Type
min.
EC3SBW-24S05 Derating c urve for Natural Convection
-40
105
71
77
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(oC)
without Heat Sink
with Heat Sink
EXTERNAL OUTPUT TRIM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com