Electronic Components Datasheet Search
  English  ▼

X  

TC1240A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1240A
Description  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240A Datasheet(HTML) 1 Page - Microchip Technology

  TC1240A Datasheet HTML 1Page - Microchip Technology TC1240A Datasheet HTML 2Page - Microchip Technology TC1240A Datasheet HTML 3Page - Microchip Technology TC1240A Datasheet HTML 4Page - Microchip Technology TC1240A Datasheet HTML 5Page - Microchip Technology TC1240A Datasheet HTML 6Page - Microchip Technology TC1240A Datasheet HTML 7Page - Microchip Technology TC1240A Datasheet HTML 8Page - Microchip Technology TC1240A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2003 Microchip Technology Inc.
DS21516C-page 1
M TC1240/TC1240A
Features
• Charge Pumps in 6-Pin SOT-23A Package
• >99% Typical Voltage Conversion Efficiency
• Voltage Doubling
• Input Voltage Range, TC1240: +2.5V to +4.0V,
TC1240A: +2.5V to +5.5V
• Low Output Resistance, TC1240: 17
Ω (Typical)
TC1240A: 12
Ω (Typical)
• Only Two External Capacitors Required
• Low Supply Current, TC1240: 180 µA (Typical)
TC1240A: 550 µA (Typical)
• Power-Saving Shutdown Mode (1 µA Maximum)
• Shutdown Input Fully Compatible with 1.8V Logic
Systems
Applications
• Cellular Phones
• Pagers
• PDAs, Portable Data Loggers
• Battery Powered Devices
• Handheld Instruments
Package Type
General Description
The TC1240/TC1240A is a doubling CMOS charge
pump voltage converter in a small 6-Pin SOT-23A
package. The TC1240 doubles an input voltage that
can range from +2.5V to +4.0V, while the TC1240A
doubles an input voltage that can range from +2.5V to
+5.5V. Conversion efficiency is typically >99%. Internal
oscillator frequency is 160 kHz for both devices. The
TC1240 and TC1240A have an active-high shutdown
that limits the current consumption of the devices to
less than 1 µA.
External component requirement is only two capacitors
for standard voltage doubler applications. All other
circuitry (including control, oscillator and power
MOSFETs) are integrated on-chip. Typical supply cur-
rent is 180 µA for the TC1240 and 550 µA for the
TC1240A. Both devices are available in a 6-Pin SOT-
23A surface mount package.
Typical Application Circuit
NOTE: 6-Pin SOT-23A is equivalent to the
C-
6
6-Pin SOT-23A
TC1240ECH
TC1240AECH
13
4
2
VIN
C+
GND
5
SHDN
VOUT
EIAJ (SC-74A)
Positive Voltage Doubler
VIN
2 x INPUT
C+
C-
C1
INPUT
GND
VOUT
SHDN
OFF
ON
TC1240
TC1240A
+
+
C2
Positive Doubling Charge Pumps with Shutdown
in a SOT-23 Package


Similar Part No. - TC1240A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1240A MICROCHIP-TC1240A Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240AECH MICROCHIP-TC1240AECH Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
More results

Similar Description - TC1240A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Microchip Technology
TC1240 MICROCHIP-TC1240 Datasheet
858Kb / 11P
Positive Doubling Charge Pump with Shutdown in SOT Package
2001
logo
Maxim Integrated Produc...
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
SC70 Inverting Charge Pumps with Shutdown
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
Microchip Technology
TC1240 MICROCHIP-TC1240_13 Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com