Electronic Components Datasheet Search
  English  ▼

X  

EC4SAW Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC4SAW
Description  5-6 WATT WIDE INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4SAW Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC4SAW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4SAW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V13
1
︳EC4SAWSERIES
5-6 WATT WIDE INPUT
DC-DC
CONVERTERS
FEATURE
* 5-6W Isolated Output
* Compact SIP-8 Package
* Efficiency up to 89%
* 4:1 Input Range
* Regulated Outputs
* Remote On/Off Control
* 1500VDC Isolation
* Continuous Short Circuit Protection
OUTPUT CURRENT
INPUT CURRENT
%EFF.
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD FULL LOAD (3) (2)
CAPACITOR
LOAD MAX.
EC4SAW-24S33N
9-36 VDC
3.3 VDC
0 mA
1500 mA
4 mA
310 mA
82
82
4700uF
EC4SAW-24S05N
9-36 VDC
5 VDC
0 mA
1200 mA
4 mA
298 mA
86
86
2200uF
EC4SAW-24S12N
9-36 VDC
12 VDC
0 mA
500 mA
5 mA
288 mA
88
88
1100uF
EC4SAW-24S15N
9-36 VDC
15 VDC
0 mA
400 mA
5 mA
288 mA
89
88
470uF
EC4SAW-24D05N
9-36 VDC
±5 VDC
0 mA
±600 mA
4 mA
298 mA
86
86
1400uF
EC4SAW-24D12N
9-36 VDC
±12 VDC
0 mA
±250 mA
6 mA
288 mA
88
88
660uF
EC4SAW-24D15N
9-36 VDC
±15 VDC
0 mA
±200 mA
6 mA
288 mA
88
88
220uF
EC4SAW-48S33N 18-75 VDC
3.3 VDC
0 mA
1500 mA
3 mA
155 mA
82
82
4700uF
EC4SAW-48S05N 18-75 VDC
5 VDC
0 mA
1200 mA
3 mA
150 mA
85
85
2200uF
EC4SAW-48S12N 18-75 VDC
12 VDC
0 mA
500 mA
3 mA
145 mA
88
89
1100uF
EC4SAW-48S15N 18-75 VDC
15 VDC
0 mA
400 mA
3 mA
145 mA
89
88
470uF
EC4SAW-48D05N 18-75 VDC
±5 VDC
0 mA
±600 mA
4 mA
150 mA
85
85
1400uF
EC4SAW-48D12N 18-75 VDC
±12 VDC
0 mA
±250 mA
3 mA
145 mA
88
89
660uF
EC4SAW-48D15N 18-75 VDC
±15 VDC
0 mA
±200 mA
3 mA
145 mA
88
89
220uF
NOTE:
1. Nominal Input Voltage 24 or 48 VDC
2. Measured at Nominal Input Voltage
3. Measured at 12VDC for 24Vin, 24VDC for 48Vin


Similar Part No. - EC4SAW

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4SAW-24D05HN CINCON-EC4SAW-24D05HN Datasheet
366Kb / 8P
EC4SAWH SERIES
EC4SAW-24D12HN CINCON-EC4SAW-24D12HN Datasheet
366Kb / 8P
EC4SAWH SERIES
EC4SAW-24D15HN CINCON-EC4SAW-24D15HN Datasheet
366Kb / 8P
EC4SAWH SERIES
EC4SAW-24S05HN CINCON-EC4SAW-24S05HN Datasheet
366Kb / 8P
EC4SAWH SERIES
EC4SAW-24S12HN CINCON-EC4SAW-24S12HN Datasheet
366Kb / 8P
EC4SAWH SERIES
More results

Similar Description - EC4SAW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E05-11M1 ETC-E05-11M1 Datasheet
55Kb / 1P
5 WATT WIDE INPUT DC TO DC CONVERTERS
E05-X0 ETC1-E05-X0 Datasheet
55Kb / 1P
5 Watt Wide Input DC to DC Converters
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
WR24D15 ETC1-WR24D15 Datasheet
47Kb / 2P
15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
EC1SC01 RSG-EC1SC01 Datasheet
1Mb / 1P
20 WATT WIDE INPUT DC-DC CONVERTERS
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC5SAW-24S33N CINCON-EC5SAW-24S33N Datasheet
240Kb / 2P
10 WATT WIDE INPUT DC-DC CONVERTERS
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com