Electronic Components Datasheet Search
  English  ▼

X  

EC4SBW Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC4SBW
Description  20 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC4SBW Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC4SBW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC4SBW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V10
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………...............………. 24V ................... 9 – 36V
Efficiency ...........................................………..………............ See Table
48V ……..….... 18 – 75V
Isolation Voltage .................................……..………......... 1500 VDC min.
Input Surge Voltage (100ms max.) ……….……...… 24V …........ 50Vdc max.
Isolation Resistance .....................…….………….……… 10
9 Ohms min.
48V .......... 100Vdc max.
Isolation Capacitance…………………..…………………..…1500pF typ.
Under Voltage Lockout …………….. 24Vin Power up ….…..….……. 8.8V typ.
Switching Frequency .......................... Vo=3.3V/5V ............. 270KHz typ.
24Vin Power down ….…...…. 8.0V typ.
Others ……..……... 330KHz typ.
48Vin Power up ………...…….. 17V typ.
Operating Ambient Temperature Range ...…..…..…….... -40℃ to +85℃
48Vin Power down ………...... 16V typ.
Derating, Above 65℃ (note7) …..…. Linearly to Zero Power at +105℃
Input Filter ………………………………..………………………………. Pi Type
Case Temperature (note5) ..……………………………………….. 105℃
Positive Logic Remote On/Off Control (note4):
Cooling ………………………………………………… Natural Convection
Logic Compatibility ……… CMOS or Open Collector TTL, ref. to -Vin
Storage Temperature Range ...…............……....…....... -55
to +125
℃
℃
Module On ………………………… >+3.5 to 75VDC or Open Circuit
Humidity .................................................. 95% RH max. Non condensing
Module Off ………………………….………………………. 0 to<1.2VDC
MTBF …. MIL- HDBK -217F, GB, 25 , Full Load
℃
....... Others: 1290Khrs typ.
OUTPUT SPECIFICATIONS:
Vo: 3.3V/5V: 925Khrs typ.
Voltage Accuracy ………………....…..…………….......…………… ±1.5% max.
Dimensions ..................….. 1.00x1.00x0.40 inches (25.4x25.4x10.2 mm)
Voltage Balance (Dual) ……………………………………………... ±1.5% max.
Case Material ……… Black Coated Copper with Non-Conductive Base
Transient Response: 75% - 100% Step Load Change.
Weight ………………………………………………………………….. 18g
Error Band …… ±5% Vout nominal, Recovery Time …….….. < 250µs
NOTE:
Ripple & Noise, 20MHz BW(note3)
1. Measured from high line to low line.
Vo=3.3 & 5V …………………..…... 75mVpk-pk max.
2. Measured from full load to min. load.
Vo=12 & 15V …………….……….. 100mVpk-pk max.
3. The output ripple and noise is measured with 10uF tantalum and 1uF
Temperature Coefficient ....................….………..….......…….. ±0.03%/°C max.
ceramic capacitor across output.
Short Circuit Protection ...................…....…………………..……….. Continuous
4. Suffix "N" to the model number with negative logic remote on/off
Line Regulation (note1) ………………….. Single ……...…………. ±0.2% max.
Module on ………………..…………………….………. 0 to <1.2VDC
Dual ………..………… ±0.5% max.
Module off …………………….... >3.5VDC to 75VDC or open circuit
Load Regulation (note2) ………………… Single ….…..…………. ±0.2% max.
5. Maximum case temperature under any operating condition should not
Dual ………..………… ±1.0% max.
be exceeded 105
.
℃
Cross Regulation(Dual output) Load cross variation 10%/100% .…. ±5% max.
6. Suffix”+K-C087” type with heat sink.
Over Voltage Protection ………..……………….………… Zener or TVS Clamp
7. Others Model refer to application note.
External Trim Adj. Range (single output models only) ……….………….. ±10%
Current Limit ………… 24S33/24S05 ………... 110% - 200% Nominal Output
Others ………………... 110% - 170% Nominal Output
Start up time ……………………………………..………………..…... 20ms max.
SIZE SB Dimensions:
BOTTOM
VIEW
1
2
5
4
3
1.00
[25.4]
0.40
[10.2]
0.40
[10.2]
0.40
[10.2]
0.200
[5.10]
0.40
[10.2]
0.22
[5.6]
min.
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
Millimeters: X.X= ±1.0 , X.XX=±0.25
All Dimensions In Inches (mm)
6
0.300
[7.60]
PIN CONNECTION
Pin
1
2
3
4
5
+Input
-Input
+V Output
Trim
-V Output
6
Remote
Single
Dual
+Input
-Input
+V Output
Common
-V Output
Remote
0.300
[7.60]
0.200
[5.10]
1.00
[25.4]
0.40
[10.2]
0.40
[10.2]
0.40
[10.2]
BOTTOM
VIEW
3
4
5
6
2
1
0.22
[5.6]
0.81
[20.5]
Suffix "+K-C087" Type
min.
NOTE:Pin Size is 0.04±0.004 Inch (1.0±0.1 mm)DIA
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN
EC4SBW-24S05 Derating curve for Natural Convection
-40
73
105
78
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(
o C)
w ithout Heat Sink
w ith Heat Sink



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com