Electronic Components Datasheet Search
  English  ▼

X  

1850893 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1850893
Description  EMCV 1,5/ 6-GF-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1850893 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1850893 Datasheet HTML 1Page - PHOENIX CONTACT 1850893 Datasheet HTML 2Page - PHOENIX CONTACT 1850893 Datasheet HTML 3Page - PHOENIX CONTACT 1850893 Datasheet HTML 4Page - PHOENIX CONTACT 1850893 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 2, 2011
Extract from the online
catalog
 
EMCV 1,5/ 6-GF-3,81
Order No.: 1879324
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1879324
 
 
Header, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number
of positions: 6, Pitch: 3.81 mm, Color: green, Metal surface: Sn,
Assembly: Press-in
 
Commercial data
GTIN (EAN)
4
017918
173883
sales group
E105
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 173 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
7.25 mm
Pitch
3.81 mm
Dimension a
19.05 mm
Number of positions
6


Similar Part No. - 1850893

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1850893 PHOENIX-1850893 Datasheet
142Kb / 5P
EMC 1,5/ 6-GF-3,81
More results

Similar Description - 1850893

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1829387 PHOENIX-1829387 Datasheet
152Kb / 5P
DFK-MC 1,5/ 6-GF-3,81
1827460 PHOENIX-1827460 Datasheet
107Kb / 7P
Base strip - SMC 1,5/ 6-GF-3,81
1830732 PHOENIX-1830732 Datasheet
145Kb / 5P
MCV 1,5/16-GF-3,81
1896983 PHOENIX-1896983 Datasheet
142Kb / 5P
EMC 1,5/ 6-GF-3,81
1879395 PHOENIX-1879395 Datasheet
91Kb / 4P
Base strip - EMCV 1,5/13-GF-3,81
1911169 PHOENIX-1911169 Datasheet
129Kb / 7P
Feed-through header - EMCV 1,5/ 2-GF-3,5
1879298 PHOENIX-1879298 Datasheet
140Kb / 5P
EMCV 1,5/ 3-GF-3,81
1879308 PHOENIX-1879308 Datasheet
141Kb / 5P
EMCV 1,5/ 4-GF-3,81
1827907 PHOENIX-1827907 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 6-GF-3,81
Jul 20, 2022
1832918 PHOENIX-1832918 Datasheet
595Kb / 15P
MCVK 1,5/ 6-GF-3,81 - DIN rail connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com