Electronic Components Datasheet Search
  English  ▼

X  

1786527 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1786527
Description  EMSTBVA 2,5/14-G-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1786527 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1786527 Datasheet HTML 1Page - PHOENIX CONTACT 1786527 Datasheet HTML 2Page - PHOENIX CONTACT 1786527 Datasheet HTML 3Page - PHOENIX CONTACT 1786527 Datasheet HTML 4Page - PHOENIX CONTACT 1786527 Datasheet HTML 5Page - PHOENIX CONTACT 1786527 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMSTBVA 2,5/14-G-5,08 Order No.: 1859632
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1859632
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Mar 11, 2010
1808939
MSTBC 2,5/14-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Crimp
connection, Color: green
1809624
MSTBC 2,5/14-STZ-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Crimp
connection, Color: green
1769133
MSTBP 2,5/14-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Screw
connection, Color: green
1781108
MSTBT 2,5/14-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Screw
connection, Color: green
1824243
MSTBU 2,5/14-STD-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Screw
connection, Assembly: Direct mounting, Color: green
1831430
MSTBVK 2,5/14-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Screw
connection, Assembly: DIN rail, Color: green
1792362
MVSTBR 2,5/14-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Screw
connection, Color: green
1792870
MVSTBW 2,5/14-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Screw
connection, Color: green
1883828
QC 1/14-ST-5,08
Plug component, Nominal current: 10 A, Nom. voltage: 500
V, Pitch: 5.08 mm, Number of positions: 14, Connection type:
Insulation displacement connection QUICKON, Color: green
1826403
SMSTB 2,5/14-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Screw
connection, Color: green
1833933
UMSTBVK 2,5/14-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 14, Connection type: Screw
connection, Assembly: DIN rail, Color: green



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com