Electronic Components Datasheet Search
  English  ▼

X  

ACT1210 Datasheet(PDF) 3 Page - TDK Electronics

Part # ACT1210
Description  Common mode filters Automotive signal line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT1210 Datasheet(HTML) 3 Page - TDK Electronics

  ACT1210 Datasheet HTML 1Page - TDK Electronics ACT1210 Datasheet HTML 2Page - TDK Electronics ACT1210 Datasheet HTML 3Page - TDK Electronics ACT1210 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20201027
(3/4)
cmf_automotive_signal_act1210_en.fm
EMC Components
ACT1210 type
SHAPE & DIMENSIONS
RECOMMENDED LAND PATTERN
CIRCUIT DIAGRAM
RECOMMENDED REFLOW PROFILE
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
PACKAGE QUANTITY
TEMPERATURE RANGE, INDIVIDUAL WEIGHT
Dimensions in mm
3.9max.
3.2±0.2
0.6
0.5
0.6
0.1 CZ
4x
2
1
3
4
4.1
2.0
Dimensions in mm
1
2
4
3
• No polarity
Natural
cooling
5s max.
60 to 120s
Preheating
10 to 30s
Soldering
230°C
230°C
245°C
180°C
150°C
Time
Peak
Type
A
B
K
ACT1210
2.85±0.1
4.2±0.1
2.7±0.1
Package quantity
6,000 pcs/reel
Operating
temperature range
Individual
weight
–55 to +150°C
0.075 g
ø13.0+0.3/-0.2
ø21.0±0.8
2 typ.
2.0±0.5
ø330+2.0/-2.5
Dimensions in mm
1.0
17.5±1
13.5±0.5
0.35±0.1
K
4±0.1
4±0.1
2±0.05
A
Dimensions in mm
Sprocket
hole
1.5
+0.1
–0
Cavity



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com