Electronic Components Datasheet Search
  English  ▼

X  

EC7BW18 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC7BW18
Description  20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC7BW18 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC7BW18 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC7BW18 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation EC7BW18 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation EC7BW18 Datasheet HTML 4Page - CINCON ELECTRONICS Corporation EC7BW18 Datasheet HTML 5Page - CINCON ELECTRONICS Corporation EC7BW18 Datasheet HTML 6Page - CINCON ELECTRONICS Corporation EC7BW18 Datasheet HTML 7Page - CINCON ELECTRONICS Corporation EC7BW18 Datasheet HTML 8Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.cincon.com
2
REVISION: V11
EC7BW18 Series
TECHNICAL SPECIFICATIONS
(All specifications are typical at nominal input, full load at 25°C unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Input Voltage
Continuous
All
-0.3
160
Vdc
Input Surge Voltage
100ms max.
All
200
Vdc
Operating Case Temperature
At the Center Part of Case Plate
All
-40
105
°C
Storage Temperature
All
-55
125
°C
INPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Operating Input Voltage
All
8.5
72
160
Vdc
Input Under Voltage Lockout
Turn-On Voltage Threshold
70% Load
All
8.5
9
9.5
Vdc
Turn-Off Voltage Threshold
70% Load
All
7
7.5
8
Vdc
Lockout Hysteresis Voltage
70% Load
All
1.5
Vdc
Maximum Input Current
Vin=12V, Full Load
All
2.2
A
Vin=8.5V, 70% Load
No-Load Input Current
Vin=72V, Io=0A
See Model Number Table
mA
Input Filter
Pi filter.
All
Inrush Current (I2t)
As per ETS300 132-2.
All
0.1
A2s
Input Reflected Ripple Current
P-P thru 12uH inductor, 5Hz to 20MHz.
All
30
mA
OUTPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Voltage Set Point Accuracy
Vin=72V, Full Load, Tc=25°C
All
-1.0
+1.0
%
Output Voltage Balance
Vin=72V, Full Load, Tc=25°C
Dual
-1.0
+1.0
%
Output Voltage Regulation
Load Regulation
Full Load to No Load
Single
±0.2
%
Dual
±1.0
Line Regulation
Vin=High Line to Low Line, Full Load
All
±0.2
%
Temperature Coefficient
Tc=-40°C to 105°C
All
±0.02
%/°C
Output Voltage Ripple and Noise (5Hz to 20MHz bandwidth)
Peak-to-Peak
Full load, 1.0uF ceramic capacitors.
5Vo
75
mV
Others
100
RMS.
All
40
mV
Output Current Range
Vin= 8.5 to 12V
See Power Derating Curve
A
Vin= 12 to 160V
See Model Number Table
Over Current Protection
Hiccup Mode. Auto Recovery.
All
110
150
180
%
Short Circuit Protection
All
Continuous, Auto Recovery.
External Load Capacitance
Full load (resistive)
See Model Number Table
uF
Output Voltage Trim Range
Po≦max rated power, Io ≦ Io_max
Single
-20
+15
%
Over Voltage Protection
Zener Clamp
5Vo
6.2
Vdc
12Vo
15
15Vo
18
±
12Vo
±15
±
15Vo
±18
±
24Vo
±30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com