Electronic Components Datasheet Search
  English  ▼

X  

ECLB40W Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # ECLB40W
Description  40 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

ECLB40W Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  ECLB40W Datasheet HTML 1Page - CINCON ELECTRONICS Corporation ECLB40W Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V14
1
︳
ECLB40W SERIES
40 WATT 4:1 INPUT
DC-DC
CONVERTERS
FEATURES
* 40W Isolated Output
* Efficiency to 91%
* 2.05’’x1.2x0.4’’ Six-Sided Shield Metal Case
* 4:1 Input Range
* Regulated Outputs
* Fixed Switching Frequency
* Low No Load Power Consumption
* Input Under Voltage Protection
* Over Current Protection
* Remote On/Off
* Continuous Short Circuit Protection
* No Tantalum Capacitor Inside
* Safety Meets UL60950-1, EN60950-1, and IEC60950-1
NOTE:
1. Nominal Input Voltage 24 or 48 VDC
2. Measured at Nominal Input Voltage
3. Measured at 12VDC for 24Vin, 24VDC for 48Vin
OUTPUT CURRENT
INPUT CURRENT
% EFF.
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
(3)
(2)
CAPACITOR
LOAD MAX.
ECLB40W-24S33
9-36 VDC
3.3 VDC
0 mA
10000 mA
8 mA
1528 mA
88.5
90
10000µF
ECLB40W-24S05
9-36 VDC
5 VDC
0 mA
8000 mA
8 mA
1842 mA
89.5 90.5
8000µF
ECLB40W-24S12
9-36 VDC
12 VDC
0 mA
3333 mA
10 mA
1832 mA
90.5
91
3300µF
ECLB40W-24S15
9-36 VDC
15 VDC
0 mA
2666 mA
10 mA
1842 mA
90.5 90.5
2700µF
ECLB40W-24D12
9-36 VDC
±12 VDC
0 mA
±1667 mA
10 mA
1873 mA
89.5
89
1650µF
ECLB40W-24D15
9-36 VDC
±15 VDC
0 mA
±1333 mA
10 mA
1862 mA
90
89.5
1350µF
ECLB40W-48S33 18-75 VDC
3.3 VDC
0 mA
10000 mA
6 mA
764 mA
89
90
10000µF
ECLB40W-48S05 18-75 VDC
5 VDC
0 mA
8000 mA
6 mA
921 mA
90
90.5
8000µF
ECLB40W-48S12 18-75 VDC
12 VDC
0 mA
3333 mA
8 mA
921 mA
91.5 90.5
3300µF
ECLB40W-48S15 18-75 VDC
15 VDC
0 mA
2666 mA
8 mA
921 mA
91
90.5
2700µF
ECLB40W-48D12 18-75 VDC
±12 VDC
0 mA
±1667 mA
8 mA
932 mA
90
89.5
1650µF
ECLB40W-48D15 18-75 VDC
±15 VDC
0 mA
±1333 mA
8 mA
926 mA
90.5
90
1350µF


Similar Part No. - ECLB40W

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
ECLB40W-110 CINCON-ECLB40W-110 Datasheet
509Kb / 9P
ECLB40W-110 SERIES
ECLB40W-110D12 CINCON-ECLB40W-110D12 Datasheet
203Kb / 2P
40 WATT 4:1 INPUT DC-DC CONVERTERS
ECLB40W-110D12 CINCON-ECLB40W-110D12 Datasheet
509Kb / 9P
ECLB40W-110 SERIES
ECLB40W-110D15 CINCON-ECLB40W-110D15 Datasheet
203Kb / 2P
40 WATT 4:1 INPUT DC-DC CONVERTERS
ECLB40W-110D15 CINCON-ECLB40W-110D15 Datasheet
509Kb / 9P
ECLB40W-110 SERIES
More results

Similar Description - ECLB40W

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
20 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
CLB40W-110 CINCON-CLB40W-110 Datasheet
203Kb / 2P
40 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
8 WATT 4:1 INPUT DC-DC CONVERTERS
EC7C CINCON-EC7C Datasheet
192Kb / 2P
40 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com